Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHP2809DXES Datasheet(PDF) 8 Page - International Rectifier

Part # AHP2809DXES
Description  HIGH RELIABILITY HYBRID DC/DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHP2809DXES Datasheet(HTML) 8 Page - International Rectifier

Back Button AHP2809DXES Datasheet HTML 4Page - International Rectifier AHP2809DXES Datasheet HTML 5Page - International Rectifier AHP2809DXES Datasheet HTML 6Page - International Rectifier AHP2809DXES Datasheet HTML 7Page - International Rectifier AHP2809DXES Datasheet HTML 8Page - International Rectifier AHP2809DXES Datasheet HTML 9Page - International Rectifier AHP2809DXES Datasheet HTML 10Page - International Rectifier AHP2809DXES Datasheet HTML 11Page - International Rectifier AHP2809DXES Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
www.irf.com
AHP28XXS Series
Input Filter
Undervoltage Lockout
The AHP28XXS series converters incorporate a single stage
LC input filter whose elements dominate the input load
impedance characteristic during the turn-on. The input circuit
is as shown in Figure IV.
Figure IV. Input Filter Circuit
A minimum voltage is required at the input of the converter
to initiate operation. This voltage is set to 14.0
± 0.5 volts.
To preclude the possibility of noise or other variations at the
input falsely initiating and halting converter operation, a
hysteresis of approximately 1.0 volts is incorporated in this
circuit. Thus if the input voltage droops to 13.0
± 0.5 volts,
the converter will shut down and remain inoperative until the
input voltage returns to
≈14.0 volts.
Output Voltage Adjust
Input Over-Voltage Protection
One additional protection feature is incorporated into the
AHP input circuit. It is an input over-voltage protection. The
output will shutdown and restart at approximately 110% of
the maximum rated input voltage. This protection feature is
unique to the AHP.
Pin 1
Pin 2
3.5µH
11.2 µfd
In addition to permitting close voltage regulation of remotely
located loads, it is possible to utilize the converter sense
pins to incrementally increase the output voltage over a
limited range. The adjustments made possible by this
method are intended as a means to “trim” the output to a
voltage setting for some particular application, but are not
intended to create an adjustable output converter. These
output voltage setting variations are obtained by connecting
an appropriate resistor value in the locations as shown in
Figure V or Figure VI depending on the desired output
voltage. The range of adjustment and corresponding range
of resistance values can be determined by use of the
equations presented below.
For (V
NOM + 0.25V) < VOUT < (VNOM + 0.5V), a resistor is
connected between the +Sense and –Sense pins with
the –Sense connected to the output return as shown in
Figure V. The resistor value (R
ADJ) is calculated as
follows:
=
25
.
0
1000
NOM
OUT
NOM
ADJ
V
V
V
R
For V
NOM < VOUT < (VNOM + 0.25V), a resistor is connected
between the +Sense and +Output pins with the –Sense
connected to the output return as shown in Figure VI.
The resistor value (R
ADJ) is calculated as follows:
⎟⎟⎠
⎜⎜⎝
=
1
25
.
0
1000
NOM
OUT
ADJ
V
V
R
V
NOM = device nominal output voltage
V
OUT = desired output voltage
R
ADJ = value of the external resistor required to
achieve the desired Vout
Finding a resistor value for a particular output voltage, is
simply a matter of substituting the desired output voltage
and the nominal device voltage into the equation and solving
for the corresponding resistor value.
Figure V. Connection for V
OUT > VNOM+ 0.25V
Figure VI. Connection for V
NOM< VOUT < (VNOM+ 0.25V)
Enable 2
Share
+Sense
- Sense
Return
+Vout
AHP28XXS
RADJ
To Load
Enable 2
Share
+Sense
- Sense
Return
+Vout
AHP28XXS
RADJ
To Load


Similar Part No. - AHP2809DXES

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHP2809S IRF-AHP2809S Datasheet
233Kb / 12P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
More results

Similar Description - AHP2809DXES

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVFL2800D DELTA-DVFL2800D Datasheet
370Kb / 19P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800S DELTA-DVFL2800S Datasheet
384Kb / 21P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHF2800S DELTA-DVHF2800S Datasheet
322Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVTR2800S DELTA-DVTR2800S Datasheet
413Kb / 18P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE2800S DELTA-DVHE2800S Datasheet
421Kb / 16P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVSA2800S DELTA-DVSA2800S Datasheet
283Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
logo
International Rectifier
ATW2812D IRF-ATW2812D Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXS IRF-ATR28XXS Datasheet
97Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHP2805DXCH IRF-AHP2805DXCH Datasheet
236Kb / 11P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW2800D IRF-ATW2800D_15 Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
VPT, Inc.
DVCH2800D VPT-DVCH2800D Datasheet
949Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com