Electronic Components Datasheet Search |
|
AFL5012DWHB Datasheet(PDF) 3 Page - International Rectifier |
|
AFL5012DWHB Datasheet(HTML) 3 Page - International Rectifier |
3 / 12 page www.irf.com 3 AFL28XXD Series Static Characteristics (Continued) For Notes to Specifications, refer to page 4 Parameter Group A Subgroups Test Conditions Min Nom Max Unit OUTPUT RIPPLE VOLTAGE AFL2805D AFL2812D AFL2815D 1, 2, 3 1, 2, 3 1, 2, 3 VIN = 16, 28, 40 Volts, 100% Load, BW = 10MHz 60 80 80 mVpp INPUT CURRENT No Load Inhibit 1 Inhibit 2 AFL2805D AFL2812D, 15D 1 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 VIN = 28 Volts IOUT = 0 Pin 4 Shorted to Pin 2 Pin 12 Shorted to Pin 8 80 100 5.0 50 30 mA INPUT RIPPLE CURRENT AFL2805D AFL2812D AFL2815D 1, 2, 3 1, 2, 3 1, 2, 3 VIN = 28 Volts, 100% Load 60 60 60 mApp CURRENT LIMIT POINT Expressed as a percentage of Full Rated Load 1 2 3 VOUT = 90% VNOM , Equal current on positive and negative outputs. Note 5 115 105 125 125 115 140 % LOAD FAULT POWER DISSIPATION Overload or Short Circuit 1, 2, 3 VIN = 28 Volts 33 W EFFICIENCY AFL2805D AFL2812D AFL2815D 1, 2, 3 1, 2, 3 1, 2, 3 VIN = 28 Volts, 100% Load 78 82 81 81 84 85 % ENABLE INPUTS (Inhibit Function) Converter Off Sink Current Converter On Sink Current 1, 2, 3 1, 2, 3 Logical Low on Pin 4 or Pin 12 Note 1 Logical High on Pin 4 and Pin 12 - Note 9 Note 1 -0.5 2.0 0.8 100 50 100 V µA V µA SWITCHING FREQUENCY 1, 2, 3 500 550 600 KHz SYNCHRONIZATION INPUT Frequency Range Pulse Amplitude, Hi Pulse Amplitude, Lo Pulse Rise Time Pulse Duty Cycle 1, 2, 3 1, 2, 3 1, 2, 3 Note 1 Note 1 500 2.0 -0.5 20 700 10 0.8 100 80 KHz V V ns % ISOLATION 1 Input to Output or Any Pin to Case (except Pin 3). Test @ 500VDC 100 M Ω DEVICE WEIGHT Slight Variations with Case Style 85 g MTBF MIL-HDBK-217F, AIF @ TC = 70°C 300 KHrs |
Similar Part No. - AFL5012DWHB |
|
Similar Description - AFL5012DWHB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |