Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL12017DWHB Datasheet(PDF) 5 Page - International Rectifier

Part # AFL12017DWHB
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL12017DWHB Datasheet(HTML) 5 Page - International Rectifier

  AFL12017DWHB Datasheet HTML 1Page - International Rectifier AFL12017DWHB Datasheet HTML 2Page - International Rectifier AFL12017DWHB Datasheet HTML 3Page - International Rectifier AFL12017DWHB Datasheet HTML 4Page - International Rectifier AFL12017DWHB Datasheet HTML 5Page - International Rectifier AFL12017DWHB Datasheet HTML 6Page - International Rectifier AFL12017DWHB Datasheet HTML 7Page - International Rectifier AFL12017DWHB Datasheet HTML 8Page - International Rectifier AFL12017DWHB Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.irf.com
5
AFL28XXD Series
Block Diagram
Figure II. Enable Input Equivalent Circuit
Circuit Operation and Application Information
The AFL series of converters employ a forward switched
mode converter topology. (refer to the block diagram in
Figure I.) Operation of the device is initiated when a DC
voltage whose magnitude is within the specified input voltage
limits is applied between pins 1 and 2. If pin 4 is enabled (at
a logical 1 or open) the primary bias supply will begin
generating a regulated housekeeping voltage bringing the
circuitry on the primary side of the converter to life. A power
MOSFET is used to chop the DC input voltage into a high
frequency square wave, applying this chopped voltage to
the power transformer at the nominal converter switching
frequency. By maintaining a DC voltage within specified
operating range at the input, continuous generation of the
bias voltage is assured.
The switched voltage impressed on the secondary output
transformer windings is rectified and filtered to provide the
positive and negative converter output voltages. An error
amplifier on the secondary side compares the positive output
voltage to a precision reference and generates an error
signal proportional to the difference. This error signal is
magnetically coupled through the feedback transformer into
the control section of the converter varying the pulse width
of the square wave signal driving the MOSFETs, narrowing
the pulse width if the output voltage is too high and widening
it if it is too low. These pulse width variations provide the
necessary corrections to regulate the magnitude of output
voltage within its’ specified limits.
Because the primary portion of the circuit is coupled to the
secondary side with magnetic elements, full isolation from
input to output is maintained.
Although incorporating several sophisticated and useful
ancilliary features, basic operation of the AFL28XXD series
series can be initiated by simply applying an input voltage to
pins 1 and 2 and connecting the appropriate loads between
pins 7, 8, and 9. As is the case with any high power density
converter, operation should not be initiated before secure
attachment to an appropriate heat dissipator. (See Thermal
Considerations, page 7) Additional application information
is provided in the paragraphs following.
Inhibiting Converter Output (Enable)
As an alternative to application and removal of the DC voltage
to the input, the user can control the converter output by
providing TTL compatible, positive logic signals to either of
two enable pins (pin 4 or 12). The distinction between these
two signal ports is that enable 1 (pin 4) is referenced to the
input return (pin 2) while enable 2 (pin 12) is referenced to
the output return (pin 8). Thus, the user has access to an
inhibit function on either side of the isolation barrier. Each
port is internally pulled “high” so that when not used, an
open connection on both enable pins permits normal
converter operation. When their use is desired, a logical
“low” on either port will shut the converter down.
Pin 4 or
Pin 12
1N4148
100K
200K
220K
2N3904
+5.6V
Disable
Pin 2 or
Pin 8
+ Input
Enable 1
Input
Filter
Sync Input
Primary
Bias Supply
Control
Sync Output
Input Return
Case
4
1
5
6
3
2
Error
Amp
& Ref
Output
Filter
Current
Sense
Output
Filter
Share
Amplifier
+ Output
Output Return
-Output
Share
Enable 2
Output Voltage
Trim
7
8
9
11
12
10
Figure I. Dual Output


Similar Part No. - AFL12017DWHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL12012D IRF-AFL12012D Datasheet
188Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL12012DW-CH IRF-AFL12012DW-CH Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL12012DW-ES IRF-AFL12012DW-ES Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL12012DW-HB IRF-AFL12012DW-HB Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL12012DWCH IRF-AFL12012DWCH Datasheet
188Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL12017DWHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com