Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD5400CY Datasheet(PDF) 3 Page - Calogic, LLC

Part # SD5400CY
Description  High-Speed DMOS Quad FET Analog Switch Arrays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SD5400CY Datasheet(HTML) 3 Page - Calogic, LLC

  SD5400CY Datasheet HTML 1Page - Calogic, LLC SD5400CY Datasheet HTML 2Page - Calogic, LLC SD5400CY Datasheet HTML 3Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SD5000 / SD5001 / SD5002
SD5400 / SD5401 / SD5402
CORPORATION
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
SD5000/SD5400
MAX. VALUE
SD5001/SD5401
MAX. VALUE
SD5002/SD5402
MAX. VALUE
UNITS
Breakdown Voltage
VDS
Drain-Source
20
10
15
V
VSD
Source-Drain
20
10
15
VDB
Drain-Body
25
15
22.5
VSB
Source-Body
25
15
22.5
VGS
Gate-Source
30/ - 25
25/ - 15
30/ - 22.5
VGB
Gate-Body
30/ - 0.3
25/ - 0.3
30/ - 0.3
VGD
Gate-Drain
30/ - 25
30/ - 15
30/ - 22.5
ABSOLUTE MAXIMUM
SYMBOL
PARAMETER
VALUE
UNIT
ID
Drain Current
50
mA
Temperature Range
TJ
Operating
-55 to +85
oC
TS
Storage
-55 to +150
Power Dissipation
PD
Package
640 (Ni\ote 1)
mW
PD
Each Device
300 (Note 2)
Note 1: Linear Derating Factor - 10.7mW/
oC above 25oC
Note 2: Linear Derating Factor - 5.0mW/
oC above 25oC


Similar Part No. - SD5400CY

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
SD5400CY LINEAR-SD5400CY Datasheet
357Kb / 2P
   HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
SD5400CY LINEAR-SD5400CY Datasheet
505Kb / 3P
   QUAD N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
logo
Micross Components
SD5400CY MICROSS-SD5400CY Datasheet
253Kb / 1P
   Quad N-Channel Enhancement Mode DMOS Lateral Switches
logo
Calogic, LLC
SD5400CY CALOGIC-SD5400CY Datasheet
45Kb / 3P
   High-Speed DMOS Quad FET Analog Switch Arrays
SD5400CY-LF CALOGIC-SD5400CY-LF Datasheet
45Kb / 3P
   High-Speed DMOS Quad FET Analog Switch Arrays
More results

Similar Description - SD5400CY

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SD5400CY-LF CALOGIC-SD5400CY-LF Datasheet
45Kb / 3P
   High-Speed DMOS Quad FET Analog Switch Arrays
SD5400CY CALOGIC-SD5400CY_15 Datasheet
45Kb / 3P
   High-Speed DMOS Quad FET Analog Switch Arrays
logo
Linear Integrated Syste...
SD210DE LINEAR-SD210DE Datasheet
357Kb / 2P
   HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
logo
Calogic, LLC
CWB2214 CALOGIC-CWB2214 Datasheet
39Kb / 4P
   CMOS/DMOS High Speed Analog Switch
logo
Maxim Integrated Produc...
MAX334 MAXIM-MAX334 Datasheet
126Kb / 4P
   High Speed Quad SPST Analog Switch
logo
Calogic, LLC
CWB201 CALOGIC-CWB201 Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
logo
Vishay Siliconix
DG201HS VISHAY-DG201HS Datasheet
109Kb / 9P
   High-Speed Quad SPST CMOS Analog Switch
Rev. F, 06-Sep-99
logo
Maxim Integrated Produc...
HI-201HS MAXIM-HI-201HS Datasheet
213Kb / 8P
   High-Speed, CMOS, Quad, SPST Analog Switch
19-0117; Rev 1; 11/94
logo
Intersil Corporation
HI-201HS INTERSIL-HI-201HS_04 Datasheet
695Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
logo
Analog Devices
ADG201S AD-ADG201S Datasheet
496Kb / 7P
   High Speed Quad SPST CMOS Analog Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com