Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARH2803R3DCK Datasheet(PDF) 10 Page - International Rectifier

Part # ARH2803R3DCK
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARH2803R3DCK Datasheet(HTML) 10 Page - International Rectifier

Back Button ARH2803R3DCK Datasheet HTML 4Page - International Rectifier ARH2803R3DCK Datasheet HTML 5Page - International Rectifier ARH2803R3DCK Datasheet HTML 6Page - International Rectifier ARH2803R3DCK Datasheet HTML 7Page - International Rectifier ARH2803R3DCK Datasheet HTML 8Page - International Rectifier ARH2803R3DCK Datasheet HTML 9Page - International Rectifier ARH2803R3DCK Datasheet HTML 10Page - International Rectifier ARH2803R3DCK Datasheet HTML 11Page - International Rectifier ARH2803R3DCK Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
www.irf.com
ARH28XXS Series
28V Input, Single Output
Radiation Performance
The radiation tolerance characteristics inherent in the
ARH28XXS converters are a result of a carefully planned
ground-up design program with specific radiation design
goals. Identification of the general circuit topology, a
fundamental task in the design effort, was followed by
selection of appropriate elements from a list of devices for
which extensive radiation effects data was available. By
imposing sufficiently large margins on those electrical
parameters showing the worst case degrading effects of
radiation, designers were able to select appropriate
elements for incorporation into the circuit. Existing radiation
data was utilized for input to PSPICE and RadSPICE in the
generation of circuit performance verification analyses.
Thus, electrical performance capability under all
environmental conditions including radiation was well
understood before first application of power to the inputs.
The following table specifies guaranteed minimum radiation
exposure levels tolerated while maintaining specification
limits.
A principal design goal was achieving a converter topology
that, because of large design margins, had radiation
performance essentially independent of radiation induced
element-lot performance variations. Where such margins
cannot be assured, element lots are either selected
following RLAT characterization as radiation hard devices
or, purchased as radiation hard devices so that realization
of the design goals are maintained.
.
Radiation Specification Tcase = 25°C
International Rectifier currently does not have a DLA Land and Maritime certified Radiation Hardness
Assurance Program.
* Group B quantity for option 2 End of Line QCI. No Group B samples required for Option 1, In-line.
Standard Quality Conformance Inspections on ARH28XXS Series (Filght Screened)
Inspection
Application
Samples
Group A
Part of screening on each unit
100%
Group B
Each inspection lot
* 5 units
Group C
First inspection lot or following Class 1 change
10 units
Group D
In line (Part of element evaluation)
3 units
Test
Conditions
Min
Typ
Unit
MIL-STD-883, Method 1019.4
Total Ionizing Dose (2.:1 Margin) Operating bias applied during exposure
100
Krads(Si)
Dose Rate
MIL-STD-883, Method 1021
Temporary Saturation
1E8
Rads(Si)/sec
Survival
1E11
Heavy Ions
BNL Dual Van de Graf Generator
(Single Event Effects)
83
MeVxcm
2/mg


Similar Part No. - ARH2803R3DCK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARH2803R3S IRF-ARH2803R3S Datasheet
457Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
More results

Similar Description - ARH2803R3DCK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARH28XXS IRF-ARH28XXS Datasheet
118Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ARH2800 IRF-ARH2800_15 Datasheet
191Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTERS
M3H280512T IRF-M3H280512T Datasheet
132Kb / 8P
   HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ART2800T IRF-ART2800T Datasheet
231Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S Datasheet
182Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com