Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL2805DWCH Datasheet(PDF) 9 Page - International Rectifier

Part # AFL2805DWCH
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL2805DWCH Datasheet(HTML) 9 Page - International Rectifier

Back Button AFL2805DWCH Datasheet HTML 3Page - International Rectifier AFL2805DWCH Datasheet HTML 4Page - International Rectifier AFL2805DWCH Datasheet HTML 5Page - International Rectifier AFL2805DWCH Datasheet HTML 6Page - International Rectifier AFL2805DWCH Datasheet HTML 7Page - International Rectifier AFL2805DWCH Datasheet HTML 8Page - International Rectifier AFL2805DWCH Datasheet HTML 9Page - International Rectifier AFL2805DWCH Datasheet HTML 10Page - International Rectifier AFL2805DWCH Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.irf.com
9
AFL120XXD Series
Mechanical Outlines
Case X
Case W
Pin Variation of Case Y
1.260 1.500
2.500
2.760
3.000
ø 0.128
0.250
1.000
Ref
0.200 Typ
Non-cum
0.050
0.220
Pin
ø 0.040
0.238 max
0.380
Max
2.975 max
0.050
0.220
0.250
1.000
Pin
ø 0.040
0.525
0.380
Max
2.800
0.42
Case Y
Case Z
Pin Variation of Case Y
1.500 1.750
2.500
0.25 typ
1.150
0.050
0.220
1.750
0.375
2.00
0.250
1.000
Ref
0.200 Typ
Non-cum
Pin
ø 0.040
0.300
ø 0.140
0.238 max
0.380
Max
2.975 max
0.050
0.220
0.250
1.000
Ref
Pin
ø 0.040
0.525
0.380
Max
2.800
0.36
BERYLLIA WARNING: These converters are hermetically sealed; however they contain BeO substrates and should not be ground or subjected to any other
operations including exposure to acids, which may produce Beryllium dust or fumes containing Beryllium
Tolerances, unless otherwise specified:
.XX
=
±0.010
.XXX
=
±0.005


Similar Part No. - AFL2805DWCH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL2805DWCH IRF-AFL2805DWCH Datasheet
458Kb / 16P
   270V Input, Single Output
AFL2805DWCH IRF-AFL2805DWCH Datasheet
177Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL2805DWCH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com