Electronic Components Datasheet Search |
|
AFL12005SXHB Datasheet(PDF) 4 Page - International Rectifier |
|
AFL12005SXHB Datasheet(HTML) 4 Page - International Rectifier |
4 / 12 page 4 www.irf.com AFL120XXS Series Dynamic Characteristics -55°C < T CASE < +125°C, VIN=120V unless otherwise specified. Notes to Specifications: 1. Parameters not 100% tested but are guaranteed to the limits specified in the table. 2. Recovery time is measured from the initiation of the transient to where VOUT has returned to within ±1.0% of VOUT at 50% load. 3. Line transient transition time ≥ 100µs. 4. Turn-on delay is measured with an input voltage rise time of between 100V and 500V per millisecond. 5. Current limit point is that condition of excess load causing output voltage to drop to 90% of nominal. 6. Parameter verified as part of another test. 7. All electrical tests are performed with the remote sense leads connected to the output leads at the load. 8. Load transient transition time ≥ 10µs. 9. Enable inputs internally pulled high. Nominal open circuit voltage ≈ 4.0VDC. Parameter Group A Subgroups Test Conditions Min Nom Max Unit LOAD TRANSIENT RESPONSE AFL12005S Amplitude Recovery Amplitude Recovery AFL12007R5S Amplitude Recovery Amplitude Recovery AFL12009S Amplitude Recovery Amplitude Recovery AFL12012S Amplitude Recovery Amplitude Recovery AFL12015S Amplitude Recovery Amplitude Recovery AFL12028S Amplitude Recovery Amplitude Recovery 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 Note 2, 8 Load Step 50% ⇔ 100% Load Step 10% ⇔ 50% Load Step 50% ⇔ 100% Load Step 10% ⇔ 50% Load Step 50% ⇔ 100% Load Step 10% ⇔ 50% Load Step 50% ⇔ 100% Load Step 10% ⇔ 50% Load Step 50% ⇔ 100% Load Step 10% ⇔ 50% Load Step 50% ⇔ 100% Load Step 10% ⇔ 50% -450 -450 -500 -500 -600 -600 -750 -750 -750 -750 -1200 -1200 450 200 450 300 500 200 500 300 600 200 600 300 750 200 750 300 750 200 750 300 1200 200 1200 300 mV µs mV µs mV µs mV µs mV µs mV µs mV µs mV µs mV µs mV µs mV µs mV µs LINE TRANSIENT RESPONSE Amplitude Recovery Note 1, 2, 3 VIN Step = 80 ⇔ 160 Volts -500 500 500 mV µs TURN-ON CHARACTERISTICS Overshoot Delay 4, 5, 6 4, 5, 6 VIN = 30, 50, 80 Volts. Note 4 Enable 1, 2 on. (Pins 4, 12 high or open) 50 75 250 120 mV ms LOAD FAULT RECOVERY Same as Turn On Characteristics. LINE REJECTION MIL-STD-461D, CS101, 30Hz to 50KHz Note 1 60 70 dB |
Similar Part No. - AFL12005SXHB |
|
Similar Description - AFL12005SXHB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |