Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARH2805R2DEM Datasheet(PDF) 7 Page - International Rectifier

Part # ARH2805R2DEM
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ARH2805R2DEM Datasheet(HTML) 7 Page - International Rectifier

Back Button ARH2805R2DEM Datasheet HTML 3Page - International Rectifier ARH2805R2DEM Datasheet HTML 4Page - International Rectifier ARH2805R2DEM Datasheet HTML 5Page - International Rectifier ARH2805R2DEM Datasheet HTML 6Page - International Rectifier ARH2805R2DEM Datasheet HTML 7Page - International Rectifier ARH2805R2DEM Datasheet HTML 8Page - International Rectifier ARH2805R2DEM Datasheet HTML 9Page - International Rectifier ARH2805R2DEM Datasheet HTML 10Page - International Rectifier ARH2805R2DEM Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.irf.com
7
ARH28XXS Series
28V Input, Single Output
Circuit Operation and Application Information
The ARH28XXS series of converters have been designed
using a single ended forward switched mode converter
topology. (Refer to Figure I.) Single ended topologies enjoy
certain advantages in radiation hardened designs in that
they eliminate the possibility of simultaneous turn on of
both switching elements during a radiation induced upset.
In addition, single ended topologies are not subject to
transformer saturation problems often associated with
double ended implementations.
Figure I. Block Diagram
The design incorporates a two-stage LC input filter to
attenuate input ripple current. A low overhead linear bias
regulator provides both a bias voltage for the converter
primary control logic and a stable, well-regulated reference
for the error amplifier. Output control is realized using a
wide band discrete pulse width modulator control circuit
incorporating a unique non-linear ramp generator circuit.
This circuit helps stabilize loop gain over variations in line
voltage for superior output transient response. Nominal
conversion frequency has been selected as 250 KHz to
maximize efficiency and minimize magnetic element size.
Output voltages are sensed and fed back to the controller
using a patented magnetic feedback circuit. This circuit is
designed to be relatively insensitive to variations in
temperature, aging, radiation and manufacturing tolerances
making it particularly well suited to radiation hardened
designs. The control logic has been designed to use only
radiation tolerant components, and current paths include
series resistances to limit photocurrents.
Other key circuit design features include output short circuit
and overload protection, input undervoltage lockout and
an external synchronization input port, permitting operation
at an externally set clock rate. Alternately, a synchronization
output is provided to lock frequencies with another
converter when using more than one converter in a system.
The ARH series of converters is capable of providing
relatively high output power from a package of modest
volume. The power density exhibited by these devices is
obtained by combining high circuit efficiency with effective
methods of heat removal from the die junctions. Good
design practices have effectively addressed this
requirement inside the device. However when operating
at maximum loads, heat generated at the die junctions
depends upon minimally restricted thermal conduction from
the base plate for that heat to be carried away. To maintain
case temperature at or below the specified maximum of
125°C, this heat can be transferred by attachment of the
ARH28XXS to an appropriate heat dissipater held in intimate
contact with the converter base-plate.
Thermal Considerations
Effectiveness of this heat transfer is dependent on the
intimacy of the baseplate to heatsink interface. It is therefore
suggested that a heat-transferring medium possessing
good thermal conductivity be inserted between the
baseplate and heatsink. A material utilized at the factory
during testing and burn-in processes is sold under the
11
13
Sample
& Hold
+Vout
Output
Return
Overload
& Short
Circuit
Pulse Width
Modulator
Primary Bias
& Reference
EMI
Filter
Under-Voltage
Detector
1
3
4
2
+Input
Enable
Sync In
Input
Return
Level
Translator
& Buffer
Error
Amp
+
-
10
9
+Sense
-Sense
5
Sync Out
12
14


Similar Part No. - ARH2805R2DEM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARH2805R2S IRF-ARH2805R2S Datasheet
457Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
More results

Similar Description - ARH2805R2DEM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ARH28XXS IRF-ARH28XXS Datasheet
118Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ARH2800 IRF-ARH2800_15 Datasheet
191Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTERS
M3H280512T IRF-M3H280512T Datasheet
132Kb / 8P
   HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTERS
ART2800T IRF-ART2800T Datasheet
231Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S Datasheet
182Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com