Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL27009SWHB Datasheet(PDF) 8 Page - International Rectifier

Part # AFL27009SWHB
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL27009SWHB Datasheet(HTML) 8 Page - International Rectifier

Back Button AFL27009SWHB Datasheet HTML 4Page - International Rectifier AFL27009SWHB Datasheet HTML 5Page - International Rectifier AFL27009SWHB Datasheet HTML 6Page - International Rectifier AFL27009SWHB Datasheet HTML 7Page - International Rectifier AFL27009SWHB Datasheet HTML 8Page - International Rectifier AFL27009SWHB Datasheet HTML 9Page - International Rectifier AFL27009SWHB Datasheet HTML 10Page - International Rectifier AFL27009SWHB Datasheet HTML 11Page - International Rectifier AFL27009SWHB Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
www.irf.com
AFL50XXS Series
Input Filter
Undervoltage Lockout
The AFL50XXS series converters incorporate a LC input
filter whose elements dominate the input load impedance
characteristic at turn-on. The input circuit is as shown in
Figure IV.
Figure IV. Input Filter Circuit
Output Voltage Adjust
In addition to permitting close voltage regulation of remotely
located loads, it is possible to utilize the converter sense
pins to incrementally increase the output voltage over a
limited range. The adjustments made possible by this method
are intended as a means to “trim” the output to a voltage
setting for some particular application, but are not intended
to create an adjustable output converter. These output
voltage setting variations are obtained by connecting an
appropriate resistor value between the +sense and -sense
pins while connecting the -sense pin to the output return pin
as shown in Figure V. below. The range of adjustment and
corresponding range of resistance values can be determined
by use of the following equation.
R
= 100
-
-.025
adj
NOM
OUT
NOM
V
VV
Where
V
NOM = device nominal output voltage, and
V
OUT = desired output voltage
Figure V. Connection for V
OUT Adjustment
Finding a resistor value for a particular output voltage, is
simply a matter of substituting the desired output voltage
and the nominal device voltage into the equation and solving
for the corresponding resistor value.
Note: R
adj must be set 500
Attempts to adjust the output voltage to a value greater than
120% of nominal should be avoided because of the potential
of exceeding internal component stress ratings and
subsequent operation to failure. Under no circumstance
should the external setting resistor be made less than 500W.
By remaining within this specified range of values, completely
safe operation fully within normal component derating limits
is assured.
Enable 2
Share
+ Sense
- Sense
Return
+ V
out
To Load
R
ADJ
AFL50xxS
Examination of the equation relating output voltage and
resistor value reveals a special benefit of the circuit topology
utilized for remote sensing of output voltage in the AFL50XXS
series of converters. It is apparent that as the resistance
increases, the output voltage approaches the nominal set
value of the device. In fact the calculated limiting value of
output voltage as the adjusting resistor becomes very large
is
≈ 25mV above nominal device voltage.
The consequence is that if the +sense connection is
unintentionally broken, an AFL50XXS has a fail-safe output
voltage of Vout + 25mV, where the 25mV is independent of
the nominal output voltage. It can be further demonstrated
that in the event of both the + and - sense connections
being broken, the output will be limited to Vout + 440mV.
This 440mV is also essentially constant independent of the
nominal output voltage.
0.75µH
Pin 1
Pin 2
2.7µfd
A minimum voltage is required at the input of the converter
to initiate operation. This voltage is set to 26.5 ± 1.5V. To
preclude the possibility of noise or other variations at the
input falsely initiating and halting converter operation, a
hysteresis of approximately 2.0V is incorporated in this
circuit. Thus if the input voltage droops to 24.5 ± 1.5V, the
converter will shut down and remain inoperative until the
input voltage returns to
≈ 25V.


Similar Part No. - AFL27009SWHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL27009SWHB IRF-AFL27009SWHB Datasheet
458Kb / 16P
   270V Input, Single Output
AFL27009SWHB IRF-AFL27009SWHB Datasheet
221Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL27009SWHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com