Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHP27012SXCH Datasheet(PDF) 8 Page - International Rectifier

Part # AHP27012SXCH
Description  HYBRID - HIGH RELIABILITY DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHP27012SXCH Datasheet(HTML) 8 Page - International Rectifier

Back Button AHP27012SXCH Datasheet HTML 4Page - International Rectifier AHP27012SXCH Datasheet HTML 5Page - International Rectifier AHP27012SXCH Datasheet HTML 6Page - International Rectifier AHP27012SXCH Datasheet HTML 7Page - International Rectifier AHP27012SXCH Datasheet HTML 8Page - International Rectifier AHP27012SXCH Datasheet HTML 9Page - International Rectifier AHP27012SXCH Datasheet HTML 10Page - International Rectifier AHP27012SXCH Datasheet HTML 11Page - International Rectifier AHP27012SXCH Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
www.irf.com
AHP270XXS Series
The AHP270XXS series converters incorporate a single
stage LC input filter whose elements dominate the input
load impedance characteristic during the turn-on sequence.
The input circuit is as shown in Figure IV.
Figure IV. Input Filter Circuit
8.4µH
Pin 1
Pin 2
0.54µfd
A minimum voltage is required at the input of the converter
to initiate operation. This voltage is set to 150V
± 5V. To
preclude the possibility of noise or other variations at the
input falsely initiating and halting converter operation, a
hysteresis of approximately 10V is incorporated in this circuit.
Thus if the input voltage droops to 140V
± 5V, the converter
will shut down and remain inoperative until the input voltage
returns to
≈ 150V.
In addition to permitting close voltage regulation of remotely
located loads, it is possible to utilize the converter sense
pins to incrementally increase the output voltage over a
limited range. The adjustments made possible by this
method are intended as a means to “trim” the output to a
voltage setting for some particular application, but are not
intended to create an adjustable output converter. These
output voltage setting variations are obtained by connecting
an appropriate resistor value in the locations as shown in
Figure V or Figure VI depending on the desired output
voltage. The range of adjustment and corresponding range
of resistance values can be determined by use of the
equations presented below.
Finding a resistor value for a particular output voltage, is
simply a matter of substituting the desired output voltage
and the nominal device voltage into the equation and solving
for the corresponding resistor value.
Input Filter
Undervoltage Lockout
Output Voltage Adjust
Input Overvoltage Protection
One additional protection feature is incorporated into the
AHP input circuit is input over-voltage protection. The
converter will shutdown at approximately 110% of the
maximum rated input voltage and restart once the input
voltage drops back below this threshold.
Figure V. Connection for V
OUT > VNOM+ 0.25V
Enable 2
Share
+Sense
- Sense
Return
+Vout
AHP270XXS
R
ADJ
To Load
For (V
NOM + 0.25V) < VOUT < (VNOM + 0.5V), a resistor is
connected between the +Sense and –Sense pins with
the –Sense connected to the output return as shown in
Figure V. The resistor value (R
ADJ) is calculated as
follows:
=
25
.
0
1000
NOM
OUT
NOM
ADJ
V
V
V
R
For V
NOM < VOUT < (VNOM + 0.25V), a resistor is connected
between the +Sense and +Output pins with the –Sense
connected to the output return as shown in Figure VI.
The resistor value (R
ADJ) is calculated as follows:
⎟⎟⎠
⎜⎜⎝
=
1
25
.
0
1000
NOM
OUT
ADJ
V
V
R
V
NOM = device nominal output voltage
V
OUT = desired output voltage
R
ADJ = value of the external resistor required to
achieve the desired Vout


Similar Part No. - AHP27012SXCH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHP27012S IRF-AHP27012S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AHP27012SXCH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com