Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL5012DZHB Datasheet(PDF) 9 Page - International Rectifier

Part # AFL5012DZHB
Description  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL5012DZHB Datasheet(HTML) 9 Page - International Rectifier

Back Button AFL5012DZHB Datasheet HTML 4Page - International Rectifier AFL5012DZHB Datasheet HTML 5Page - International Rectifier AFL5012DZHB Datasheet HTML 6Page - International Rectifier AFL5012DZHB Datasheet HTML 7Page - International Rectifier AFL5012DZHB Datasheet HTML 8Page - International Rectifier AFL5012DZHB Datasheet HTML 9Page - International Rectifier AFL5012DZHB Datasheet HTML 10Page - International Rectifier AFL5012DZHB Datasheet HTML 11Page - International Rectifier AFL5012DZHB Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.irf.com
9
AFL28XXD Series
Table 2. Nominal Resistance of Cu Wire
Wire Size, AWG
Resistance per ft
24 Ga
25.7 m
22 Ga
16.2 m
20 Ga
10.1 m
18 Ga
6.4 m
16 Ga
4.0 m
14 Ga
2.5 m
12 Ga
1.6 m
Incorporation of a 100µfd capacitor at the input terminals
is recommended as compensation for the dynamic effects
of the parasitic resistance of the input cable reacting with
the complex impedance of the converter input, and to
provide an energy reservoir for transient input current
requirements.
Figure VI. Problems of Parasitic Resistance in input Leads
Vin
Rtn
Case
Enable 1
Sync Out
Sync In
R
p
R
p
I
Rtn
I
in
e
source
System Ground
e
Rtn
100
µfd
As an example of the effects of parasitic resistance,
consider an AFL2815D operating at full power of 100W.
From the specification sheet, this device has a minimum
efficiency of 83% which represents an input power of more
than 120W. If we consider the case where line voltage is at
its’ minimum of 16V, the steady state input current necessary
for this example will be slightly greater than 7.5A. If this
device were connected to a voltage source with 10 feet of
20 gauge wire, the round trip (input and return) would result
in 0.2
Ω of resistance and 1.5V of drop from the source to
the converter. To assure 16V at the input, a source closer
to 18V would be required. In applications using the paralleling
option, this drop will be multiplied by the number of paralleled
devices. By choosing 14 or 16 gauge wire in this example,
the parasitic resistance and resulting voltage drop will be
reduced to 25% or 31% of that with 20 gauge wire.
Another potential problem resulting from parasitically
induced voltage drop on the input lines is with regard to
the operation of the enable 1 port. The minimum and
maximum operating levels required to operate this port
are specified with respect to the input common return line
at the converter. If a logic signal is generated with respect
to a ‘common’ that is distant from the converter, the effects
of the voltage drop over the return line must be considered
when establishing the worst case TTL switching levels.
These drops will effectively impart a shift to the logic levels.
In Figure VI, it can be seen that referred to system ground,
the voltage on the input return pin is given by
e
Rtn = IRtn • RP
Therefore, the logic signal level generated in the system
must be capable of a TTL logic high plus sufficient additional
amplitude to overcome e
Rtn. When the converter is inhibited,
I
Rtn diminishes to near zero and eRtn will then be at system
ground.


Similar Part No. - AFL5012DZHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL5012DZHB IRF-AFL5012DZHB Datasheet
188Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5012DZHB IRF-AFL5012DZHB Datasheet
177Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL5012DZHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ASA2800S IRF-ASA2800S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATO2800T IRF-ATO2800T Datasheet
128Kb / 7P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL503R3S IRF-AFL503R3S Datasheet
187Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005D IRF-AFL27005D Datasheet
185Kb / 11P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL5009S IRF-AFL5009S Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHV2805SFES IRF-AHV2805SFES Datasheet
185Kb / 9P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
ATW28300S IRF-ATW28300S Datasheet
117Kb / 5P
   HYBRID HIGH-RELIABILITY DC-DC CONVERTER
AHP27003R3S IRF-AHP27003R3S Datasheet
194Kb / 12P
   HYBRID - HIGH RELIABILITY DC/DC CONVERTER
ATR2803R3S IRF-ATR2803R3S Datasheet
163Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHE2805S IRF-AHE2805S Datasheet
152Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AHF2805S IRF-AHF2805S_17 Datasheet
474Kb / 20P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com