Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D5001R803R3PACEM Datasheet(PDF) 9 Page - International Rectifier

Part # D5001R803R3PACEM
Description  HIGH RELIABILITY RADIATION TOLERANT,LOW POWER,DC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

D5001R803R3PACEM Datasheet(HTML) 9 Page - International Rectifier

Back Button D5001R803R3PACEM Datasheet HTML 2Page - International Rectifier D5001R803R3PACEM Datasheet HTML 3Page - International Rectifier D5001R803R3PACEM Datasheet HTML 4Page - International Rectifier D5001R803R3PACEM Datasheet HTML 5Page - International Rectifier D5001R803R3PACEM Datasheet HTML 6Page - International Rectifier D5001R803R3PACEM Datasheet HTML 7Page - International Rectifier D5001R803R3PACEM Datasheet HTML 8Page - International Rectifier D5001R803R3PACEM Datasheet HTML 9Page - International Rectifier D5001R803R3PACEM Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.irf.com
9
(26 TO 55V Input, Regulated Dual Outputs)
(+1.8V and +3.3V)
D5001R803R3P
Block Diagram
Dƒˆ‡Ã
Avy‡r…
Srp‡vsvr…Ã
É
Avy‡r…
T‡h…‡ÃˆƒÃ
…r†v†‡‚…
8ˆ……r‡
Tr†r
QXH
8‚‡…‚y
Q‚r…
T‡htr
Srp‡vsvr…
ÉÃ
Avy‡r…
Gvrh…
Srt
Gvrh…
Srt
Srp‡vsvr…
ÉÃ
Avy‡r…
Dƒˆ‡
Duviv‡
D‡r…hyÃ
Tˆƒƒy’
Whˆ‘ÃÉÃ
W…rs
T’pÃD
1
6
4
2
12
3
7
8
11
Dƒˆ‡Ã
Sr‡ˆ…
8h†r
10
Pˆ‡ƒˆ‡Ã Ã
Duviv‡
Pˆ‡ƒˆ‡Ã
Pˆ‡ƒˆ‡Ã Ã
SUI
Pˆ‡ƒˆ‡Ã!Ã
SUI
Pˆ‡ƒˆ‡Ã!
T’pÃPˆ‡
5
Srp‡vsvr…
ÉÃ
Avy‡r…
9
Pˆ‡ƒˆ‡Ã!Ã
Duviv‡
Pin Designation
Pin #
P
(Both Outputs Positive)
1
Input
2
Input Return
3
Case
4
Sync In
5
Sync Out
6
Inhibit
7
Output 2
8
Output 2 Return
9
Output 2 Inhibit
10
Output 1 Inhibit
11
Output 1 Return
12
Output 1
Note: Pins 8 and 11 are internally connected


Similar Part No. - D5001R803R3PACEM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
D5001R803R3P IRF-D5001R803R3P Datasheet
207Kb / 10P
   HIGH RELIABILITY, RADIATION TOLERANT, LOW POWER, DC-DC CONVERTER
D5001R803R3P IRF-D5001R803R3P_15 Datasheet
207Kb / 10P
   HIGH RELIABILITY, RADIATION TOLERANT, LOW POWER, DC-DC CONVERTER
More results

Similar Description - D5001R803R3PACEM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
D5001R803R3P IRF-D5001R803R3P_15 Datasheet
207Kb / 10P
   HIGH RELIABILITY, RADIATION TOLERANT, LOW POWER, DC-DC CONVERTER
D2800D IRF-D2800D_15 Datasheet
234Kb / 10P
   HIGH RELIABILITY, RADIATION TOLERANT, LOW POWER, DC-DC CONVERTER
AMR2815D IRF-AMR2815D_16 Datasheet
315Kb / 8P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
M3L2005S IRF-M3L2005S Datasheet
336Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
ARH2805S IRF-ARH2805S_16 Datasheet
457Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF28XXS IRF-AMF28XXS Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
M3L2803R3S IRF-M3L2803R3S Datasheet
151Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
AMR2803R3SCH IRF-AMR2803R3SCH Datasheet
127Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMF2800S IRF-AMF2800S_15 Datasheet
129Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
AMR28XXS IRF-AMR28XXS Datasheet
121Kb / 7P
   HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com