Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS75-6S Datasheet(PDF) 4 Page - MTU Onsite Energy Corporation

Part # GS75-6S
Description  GAS GENERATOR SET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

GS75-6S Datasheet(HTML) 4 Page - MTU Onsite Energy Corporation

  GS75-6S Datasheet HTML 1Page - MTU Onsite Energy Corporation GS75-6S Datasheet HTML 2Page - MTU Onsite Energy Corporation GS75-6S Datasheet HTML 3Page - MTU Onsite Energy Corporation GS75-6S Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
///  /
GS75-6S
SOUND DATA
Unit Type
Standby Full Load (NG)
Standby Full Load (LP)
Level 0: Open Power Unit dB(A)
75.5
76.1
WEIGHTS AND DIMENSIONS
System
Dimensions (L x W x H)
Weight (dry)
OPU
2,199 x 1,158 x 1,438 mm (86.6 x 45.6 x 56.6 in)
1,125 kg (2,481 lb)
Drawing above for illustration purposes only, based on standard open power 480 volt generator set. Lengths may vary with other voltages. Do not use for installation design.
See website for unit specific template drawings.
Weights and dimensions are based on open power units and are estimates only. Consult the factory for accurate weights and dimensions for your specific generator set.
EMISSIONS DATA
Fuel Type
THC + NOx
CO
Natural Gas
7.5
30.5
Liquid Propane
7.6
48.0
All units are in g/hp-hr.
Engine meets EPA 40 CFR Part 60/90 specifications.
RATING DEFINITIONS AND CONDITIONS
// 
Standby ratings apply to installations served by a reliable
utility source. The standby rating is applicable to varying
loads for the duration of a power outage. No overload
capability for this rating. Ratings are in accordance with
ISO 3046-1, BS 5514, AS 2789, and DIN 6271.
// 
Deration Factor:
Altitude: Consult your local MTU Onsite Energy Power
Generation Distributor for altitude derations.
Temperature: Consult your local MTU Onsite Energy Power
Generation Distributor for temperature derations.
Sound data is provided at 7 m (23 ft). Generator set tested in accordance with ISO 8528-10 and with infinite exhaust.
Materials and specifications subject to change without notice.
C/F = Consult Factory/MTU Onsite Energy Distributor
MTU Onsite Energy
A Rolls-Royce Power Systems Brand
www.mtuonsiteenergy.com


Similar Part No. - GS75-6S

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
GS75-680 ICE-GS75-680 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
GS75-680 ICE-GS75-680 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
More results

Similar Description - GS75-6S

ManufacturerPart #DatasheetDescription
logo
MTU Onsite Energy Corpo...
GS350-6S MTU-GS350-6S Datasheet
496Kb / 4P
   GAS GENERATOR SET
GS400-6S MTU-GS400-6S Datasheet
512Kb / 4P
   GAS GENERATOR SET
MTU4R0113DS125 MTU-MTU4R0113DS125 Datasheet
439Kb / 4P
   GAS GENERATOR SET
MTU6R0185GS200 MTU-MTU6R0185GS200 Datasheet
381Kb / 4P
   GAS GENERATOR SET
MTU6V0072GS40 MTU-MTU6V0072GS40 Datasheet
459Kb / 4P
   GAS GENERATOR SET
MTU12V0183GS400 MTU-MTU12V0183GS400 Datasheet
495Kb / 4P
   GAS GENERATOR SET
40-GC6NLT1 MTU-40-GC6NLT1_14 Datasheet
466Kb / 4P
   GAS GENERATOR SET
MTU4R0075GS30 MTU-MTU4R0075GS30 Datasheet
271Kb / 4P
   GAS GENERATOR SET
MTU8V0071GS60 MTU-MTU8V0071GS60 Datasheet
441Kb / 4P
   GAS GENERATOR SET
60-GC6NLT1-STANDBY MTU-60-GC6NLT1-STANDBY Datasheet
440Kb / 4P
   GAS GENERATOR SET
30-GC6NLT1 MTU-30-GC6NLT1_14 Datasheet
271Kb / 4P
   GAS GENERATOR SET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com