Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIMMK160S160B Datasheet(PDF) 3 Page - Micross Components

Part # MIMMK160S160B
Description  1600V 160A thyristor Module RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMK160S160B Datasheet(HTML) 3 Page - Micross Components

  MIMMK160S160B Datasheet HTML 1Page - Micross Components MIMMK160S160B Datasheet HTML 2Page - Micross Components MIMMK160S160B Datasheet HTML 3Page - Micross Components MIMMK160S160B Datasheet HTML 4Page - Micross Components MIMMK160S160B Datasheet HTML 5Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MIMMK160S160B
Characteristic curves
70
80
90
100
110
120
130
60
70
80
90
100
110
120
130
Average forward current(A)
Figure 1. current rating characteristics
Figure 2. current rating characteristics
Average on-state current (A)
30
90
120 180
Conduction angle
RTHJC(DC)=0.18 K/W
180
60
120
0
300
100
200
0
30
60
90
120
180
DC
Conduction period
RTHJC(DC)=0.18 K/W
Per junction
TJ=125℃
60
RMS limit
Conduction angle
0
50
100
150
200
250
300
350
400
0
20 40 60 80 100 120 140 160 180
Average on-state current(A)
Figure 3. on-state power loss characteristics
0
30 60 90 120 150 180 210 240 270
0
50
100
150
200
250
300
350
400
Conduction period
Per junction
TJ=125℃
180
120
90
60
30
DC
RMS limit
Average on-state current(A)
Figure 4. on-state power loss characteristics
At any rated load condition and with
rated VRRM applied following surge
Initial TJ=125℃
@60Hz 0.0083 s
@50Hz 0.01 s
1500
2000
2500
3000
3500
4000
4500
1
10
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Figure 5. Maximum Non-Repetitive Surge Current
Maximum non repetitive surge
current versus pulse train duration.
control of conduction may not be
maintained.
Initial TJ= 125℃
no voltage reapplied
rated VRRM reapplied
Per junction
1500
2000
2500
3000
3500
4000
4500
5000
0.01
0.1
1
Pulse Train Duration (s)
Figure 6. Maximum Non-Repetitive Surge Current
Per junction
30
60
90
120
180


Similar Part No. - MIMMK160S160B

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMK160S160UA MICROSS-MIMMK160S160UA Datasheet
2Mb / 1P
   1600V 160A thyristor Module RoHS Compliant
MIMMK160S160UK MICROSS-MIMMK160S160UK Datasheet
2Mb / 5P
   1600V 160A thyristor Module RoHS Compliant
More results

Similar Description - MIMMK160S160B

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMK160S160UK MICROSS-MIMMK160S160UK Datasheet
2Mb / 5P
   1600V 160A thyristor Module RoHS Compliant
MIMMK160S160UA MICROSS-MIMMK160S160UA Datasheet
2Mb / 1P
   1600V 160A thyristor Module RoHS Compliant
MIMMD160S160DK MICROSS-MIMMD160S160DK Datasheet
1Mb / 2P
   1600V 160A Rectifier Diode Module RoHS Compliant
MIMMD160S160B MICROSS-MIMMD160S160B Datasheet
1Mb / 2P
   1600V 160A Rectifier Diode Module RoHS Compliant
MIMMK130S160B MICROSS-MIMMK130S160B Datasheet
2Mb / 5P
   1600V 130A thyristor Module RoHS Compliant
MIMMK110A160B MICROSS-MIMMK110A160B Datasheet
2Mb / 5P
   1600V 110A thyristor Module RoHS Compliant
MIMMK150T160UX MICROSS-MIMMK150T160UX Datasheet
2Mb / 4P
   1600V 150A thyristor Module RoHS Compliant
MIMMK100U160UX MICROSS-MIMMK100U160UX Datasheet
2Mb / 4P
   1600V 100A thyristor Module RoHS Compliant
MIMMK40A160B MICROSS-MIMMK40A160B Datasheet
1Mb / 5P
   1600V 40A thyristor Module RoHS Compliant
MIMMK110A160UK MICROSS-MIMMK110A160UK Datasheet
2Mb / 5P
   1600V 110A thyristor Module RoHS Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com