Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIMMK150T160UX Datasheet(PDF) 4 Page - Micross Components

Part # MIMMK150T160UX
Description  1600V 150A thyristor Module RoHS Compliant
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMK150T160UX Datasheet(HTML) 4 Page - Micross Components

  MIMMK150T160UX Datasheet HTML 1Page - Micross Components MIMMK150T160UX Datasheet HTML 2Page - Micross Components MIMMK150T160UX Datasheet HTML 3Page - Micross Components MIMMK150T160UX Datasheet HTML 4Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
(1) PGM = 200 W, tp = 300s
(2) PGM = 60 W, tp = 1 ms
(3) PGM = 30 W, tp = 2 ms
(4) PGM = 12 W, tp = 5 ms
Frequency Limited by PG(AV)
(1)
(2)
(3)
(4)
TJ=-40℃
TJ=25℃
TJ=125℃
IGD
VGD
(a)
100
10
1
0.1
Rectangular gate pulse
a)Recommended load line
for rated di/dt:20V, 20Ω
tr =0.5s, tp≥6 s
b)Recommended load line
for ≤30% rated di/dt:15V,
40Ω
(b)
0.01
0.1
0.001
1000
100
10
1
Instantaneous Gate Current (A)
Figure 7. Gate Characteristics
Package Outline (Dimensions in mm)
MIMMK150T160UX


Similar Part No. - MIMMK150T160UX

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMK100T160UX MICROSS-MIMMK100T160UX Datasheet
1Mb / 4P
   1600V 100A thyristor Module RoHS Compliant
MIMMK100U160UX MICROSS-MIMMK100U160UX Datasheet
2Mb / 4P
   1600V 100A thyristor Module RoHS Compliant
MIMMK110A160B MICROSS-MIMMK110A160B Datasheet
2Mb / 5P
   1600V 110A thyristor Module RoHS Compliant
MIMMK110A160UA MICROSS-MIMMK110A160UA Datasheet
2Mb / 5P
   1600V 110A thyristor Module RoHS Compliant
MIMMK110A160UK MICROSS-MIMMK110A160UK Datasheet
2Mb / 5P
   1600V 110A thyristor Module RoHS Compliant
More results

Similar Description - MIMMK150T160UX

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMD150F160X MICROSS-MIMMD150F160X Datasheet
1Mb / 2P
   1600V 150A Rectifier Module RoHS Compliant
MIMMK130S160B MICROSS-MIMMK130S160B Datasheet
2Mb / 5P
   1600V 130A thyristor Module RoHS Compliant
MIMMK110A160B MICROSS-MIMMK110A160B Datasheet
2Mb / 5P
   1600V 110A thyristor Module RoHS Compliant
MIMMK100U160UX MICROSS-MIMMK100U160UX Datasheet
2Mb / 4P
   1600V 100A thyristor Module RoHS Compliant
MIMMK40A160B MICROSS-MIMMK40A160B Datasheet
1Mb / 5P
   1600V 40A thyristor Module RoHS Compliant
MIMMK160S160UK MICROSS-MIMMK160S160UK Datasheet
2Mb / 5P
   1600V 160A thyristor Module RoHS Compliant
MIMMK110A160UK MICROSS-MIMMK110A160UK Datasheet
2Mb / 5P
   1600V 110A thyristor Module RoHS Compliant
MIMMK90A160UA MICROSS-MIMMK90A160UA Datasheet
2Mb / 5P
   1600V 90A thyristor Module RoHS Compliant
MIMMK60A160B MICROSS-MIMMK60A160B Datasheet
1Mb / 5P
   1600V 60A thyristor Module RoHS Compliant
MIMMK110A160UA MICROSS-MIMMK110A160UA Datasheet
2Mb / 5P
   1600V 110A thyristor Module RoHS Compliant
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com