Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIMMK75T160UX Datasheet(PDF) 2 Page - Micross Components

Part # MIMMK75T160UX
Description  1600V 75A thyristor Module RoHS Compliant
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMK75T160UX Datasheet(HTML) 2 Page - Micross Components

  MIMMK75T160UX Datasheet HTML 1Page - Micross Components MIMMK75T160UX Datasheet HTML 2Page - Micross Components MIMMK75T160UX Datasheet HTML 3Page - Micross Components MIMMK75T160UX Datasheet HTML 4Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MIMMK75T160UX
■ Thyristor
ABSOLUTE MAXIMUM RATINGS
TC=25°C unless otherwise specified
Symbol
Test Condition
Value
Unit
VRRM
1600
V
IT(AV)
TC=90 , 180° conduction, half sine wave;
75
A
1250
ITSM
TJ=45 , t=10ms (50Hz), sine, VR=VRRM;
TJ=45 , t=8.3 ms (60Hz), sine, VR= VRRM;
1350
A
7812
I2t
TJ=45 , t=10ms (50Hz), sine, VR=VRRM;
TJ=45 , t=8.3 ms (60Hz), sine, VR= VRRM;
9112
A2s
dV/dt
TJ =125 , exponential to 67% rated VDRM
1000
V/us
dI/dt
TJ =125 , ITM=500A rated VDRM
150
A/us
VISOL
50Hz, all terminals shorted, t=1s, IISOL≤1mA ;
3000
V~
TJ
Max. junction operating temperature range
-40~125
TSTG
Max. storage temperature range
-40~125
Mounting torque(M6)
3 to 5
N·m
Terminal connection torque(M6)
3 to 5
N·m
Terminal connection torque(M4)
1 to 2
N·m
ELECTRICAL AND THERMAL CHARACTERISTICS
TC=25°C unless otherwise specified
ti
n
U
.
x
a
M
.
p
y
T
.
n
i
M
n
o
it
i
d
n
o
C
t
s
e
T
l
o
b
m
y
S
IDRM/IRRM
TJ=125 , VD=VR=1600V;
20
mA
VTM
ITM=280A, td
V
0
5
.
1
;
e
n
i
s
fl
a
h
,
s
m
0
1
=
VA=6V, RA=1Ω
4
;
C
°
0
4
-
=
j
T
,
VA=6V, RA=1Ω
5
.
2
;
VGT
VA=6V, RA=1Ω
7
.
1
;
C
°
5
2
1
=
j
T
,
V
VA=6V, RA=1Ω, Tj=-40°C;
200
VA=6V, RA=1Ω;
100
IGT
VA=6V, RA=1Ω, Tj=125°C;
80
mA
PGM
tp≤
;
C
°
5
2
1
=
j
T
,
s
m
5
12
W
PGM(AV)
;
C
°
5
2
1
=
j
T
,
z
H
0
5
=
f
3
W
Rthjc
e
s
a
C
-
o
t-
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
0.25
K/W
RTHCS
k
n
i
S
-
o
t-
e
s
a
C
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
0.09
K/W


Similar Part No. - MIMMK75T160UX

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMK75U160UX MICROSS-MIMMK75U160UX Datasheet
2Mb / 4P
   1600V 75A thyristor Module RoHS Compliant
More results

Similar Description - MIMMK75T160UX

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMK75U160UX MICROSS-MIMMK75U160UX Datasheet
2Mb / 4P
   1600V 75A thyristor Module RoHS Compliant
MIMMK130S160B MICROSS-MIMMK130S160B Datasheet
2Mb / 5P
   1600V 130A thyristor Module RoHS Compliant
MIMMK110A160B MICROSS-MIMMK110A160B Datasheet
2Mb / 5P
   1600V 110A thyristor Module RoHS Compliant
logo
Nihon Inter Electronics...
PGH7516AM NIEC-PGH7516AM Datasheet
233Kb / 4P
   THYRISTOR MODULE 75A / 1600V
logo
Micross Components
MIMMK150T160UX MICROSS-MIMMK150T160UX Datasheet
2Mb / 4P
   1600V 150A thyristor Module RoHS Compliant
MIMMK100U160UX MICROSS-MIMMK100U160UX Datasheet
2Mb / 4P
   1600V 100A thyristor Module RoHS Compliant
MIMMK40A160B MICROSS-MIMMK40A160B Datasheet
1Mb / 5P
   1600V 40A thyristor Module RoHS Compliant
MIMMK160S160UK MICROSS-MIMMK160S160UK Datasheet
2Mb / 5P
   1600V 160A thyristor Module RoHS Compliant
MIMMK110A160UK MICROSS-MIMMK110A160UK Datasheet
2Mb / 5P
   1600V 110A thyristor Module RoHS Compliant
MIMMK90A160UA MICROSS-MIMMK90A160UA Datasheet
2Mb / 5P
   1600V 90A thyristor Module RoHS Compliant
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com