Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIMMK60A160B Datasheet(PDF) 1 Page - Micross Components

Part # MIMMK60A160B
Description  1600V 60A thyristor Module RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMK60A160B Datasheet(HTML) 1 Page - Micross Components

  MIMMK60A160B Datasheet HTML 1Page - Micross Components MIMMK60A160B Datasheet HTML 2Page - Micross Components MIMMK60A160B Datasheet HTML 3Page - Micross Components MIMMK60A160B Datasheet HTML 4Page - Micross Components MIMMK60A160B Datasheet HTML 5Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MIMMK60A160B
1600V 60A thyristor Module
RoHS Compliant
Features
·
Isolation voltage 3500 V~
·
Industrial Standard Package
·
High Surge Capability
·
Glass Passivated Chips
·
Simple Mounting
·
Electrically Isolated by DBC Ceramic
Applications
·
DC Motor Control and Drives
·
Battery Charges
·
Welders
·
Power Converters
·
Lighting Control
·
Heat and Temperature Control
Advantages
·
Space and weight savings
·
Improved temperature and power cycling
ABSOLUTE MAXIMUM RATINGS
TC=25°C unless otherwise specified
Symbol
Test Condition
Value
Unit
VRRM /VDRM
1600
V
IT(AV)
TC=85 , 180° conduction, half sine wave;
60
A
IT(RMS)
as AC switch;
135
A
1310
TJ=45 , t=10ms (50Hz), sine, VR=0;
TJ=45 , t=8.3 ms (60Hz), sine, VR=0;
1370
1100
ITSM
TJ=45 , t=10ms (50Hz), sine, VR=VRRM;
TJ=45 , t=8.3 ms (60Hz), sine, VR= VRRM;
1150
A
8.56
TJ=45 , t=10ms (50Hz), sine, VR=0;
TJ=45 , t=8.3 ms (60Hz), sine, VR=0;
7.82
6.05
I2t
TJ=45 , t=10ms (50Hz), sine, VR=VRRM;
TJ=45 , t=8.3 ms (60Hz), sine, VR= VRRM;
5.53
K A2s
IDRM/IRRM
TJ=130 , VD=VR=1600V, gate open circuit;
15
mA
dV/dt
TJ =130 , exponential to 67% rated VDRM
500
V/us
VISOL
50Hz, all terminals shorted, t=1s, IISOL≤1mA ;
3500
V~
TJ
Max. junction operating temperature range
-40~125
TSTG
Max. storage temperature range
-40~125


Similar Part No. - MIMMK60A160B

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMK100T160UX MICROSS-MIMMK100T160UX Datasheet
1Mb / 4P
   1600V 100A thyristor Module RoHS Compliant
MIMMK100U160UX MICROSS-MIMMK100U160UX Datasheet
2Mb / 4P
   1600V 100A thyristor Module RoHS Compliant
MIMMK110A160B MICROSS-MIMMK110A160B Datasheet
2Mb / 5P
   1600V 110A thyristor Module RoHS Compliant
MIMMK110A160UA MICROSS-MIMMK110A160UA Datasheet
2Mb / 5P
   1600V 110A thyristor Module RoHS Compliant
MIMMK110A160UK MICROSS-MIMMK110A160UK Datasheet
2Mb / 5P
   1600V 110A thyristor Module RoHS Compliant
More results

Similar Description - MIMMK60A160B

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMK130S160B MICROSS-MIMMK130S160B Datasheet
2Mb / 5P
   1600V 130A thyristor Module RoHS Compliant
MIMMK110A160B MICROSS-MIMMK110A160B Datasheet
2Mb / 5P
   1600V 110A thyristor Module RoHS Compliant
MIMMK150T160UX MICROSS-MIMMK150T160UX Datasheet
2Mb / 4P
   1600V 150A thyristor Module RoHS Compliant
MIMMK100U160UX MICROSS-MIMMK100U160UX Datasheet
2Mb / 4P
   1600V 100A thyristor Module RoHS Compliant
MIMMK40A160B MICROSS-MIMMK40A160B Datasheet
1Mb / 5P
   1600V 40A thyristor Module RoHS Compliant
MIMMK160S160UK MICROSS-MIMMK160S160UK Datasheet
2Mb / 5P
   1600V 160A thyristor Module RoHS Compliant
MIMMK110A160UK MICROSS-MIMMK110A160UK Datasheet
2Mb / 5P
   1600V 110A thyristor Module RoHS Compliant
MIMMK90A160UA MICROSS-MIMMK90A160UA Datasheet
2Mb / 5P
   1600V 90A thyristor Module RoHS Compliant
MIMMK110A160UA MICROSS-MIMMK110A160UA Datasheet
2Mb / 5P
   1600V 110A thyristor Module RoHS Compliant
MIMMK75U160UX MICROSS-MIMMK75U160UX Datasheet
2Mb / 4P
   1600V 75A thyristor Module RoHS Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com