Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIMMG600WB060B6N Datasheet(PDF) 4 Page - Micross Components

Part # MIMMG600WB060B6N
Description  600V 600A IGBT Module RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMG600WB060B6N Datasheet(HTML) 4 Page - Micross Components

  MIMMG600WB060B6N Datasheet HTML 1Page - Micross Components MIMMG600WB060B6N Datasheet HTML 2Page - Micross Components MIMMG600WB060B6N Datasheet HTML 3Page - Micross Components MIMMG600WB060B6N Datasheet HTML 4Page - Micross Components MIMMG600WB060B6N Datasheet HTML 5Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MIMMG600WB060B6N
TC(°C)
Figure8. NTC- Temperature Characteristic
Qg(nC)
Figure7. Gate Charge characteristics
0
20
25
10
15
5
500
0
1000 1500 2000
3000
100
10000
100000
0
25
50
75 100 125 150 175
TC Case Temperature(°C)
Figure11. Rated Current vs. TC
TJ =150°C
VGE ≥15V
0
125 150 175
50
75 100
600
720
120
240
360
480
0
25
TJ =25°C
TJ =125°C
VF(V)
Figure12. Diode Forward Characteristics
0
0
200
600
800
1200
1000
0.5
400
1.0 1.5 2.0 2.5
3
3.5
VCC=300V
IC=600A
TJ =25°C
840
TJ =125°C
TC =25°C
VGE =15V
2000
2400
1000
800
600
400
200
0
100
300
VCE(V)
Figure9. Reverse Biased Safe Operating Area
700
600
500
400
200
0
1600
1200
800
400
00 100 200 300 400 500 600
VCE(V)
Figure10. Short Circuit Safe Operating Area
700
TJ =125°C
TC =25°C
VGE =15V
tsc≤10µs
1200
1400
1000
2500
IC Modul
IC Chip
IC Chip
IC Modul


Similar Part No. - MIMMG600WB060B6N

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG600KR120U MICROSS-MIMMG600KR120U Datasheet
2Mb / 5P
   1200V 600A IGBT Module RoHS Compliant
More results

Similar Description - MIMMG600WB060B6N

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMF600SB060U MICROSS-MIMMF600SB060U Datasheet
1Mb / 2P
   600V 600A FRED Module RoHS Compliant
MIMMG600KR120U MICROSS-MIMMG600KR120U Datasheet
2Mb / 5P
   1200V 600A IGBT Module RoHS Compliant
MIMMG400HB060B6EN MICROSS-MIMMG400HB060B6EN Datasheet
2Mb / 6P
   600V 400A IGBT Module RoHS Compliant
MIMMG400D060B6EN MICROSS-MIMMG400D060B6EN Datasheet
2Mb / 5P
   600V 400A IGBT Module RoHS Compliant
MIMMG200DR060UK MICROSS-MIMMG200DR060UK Datasheet
2Mb / 5P
   600V 200A IGBT Module RoHS Compliant
MIMMG200DR060DE MICROSS-MIMMG200DR060DE Datasheet
2Mb / 5P
   600V 200A IGBT Module RoHS Compliant
MIMMG150DR060DE MICROSS-MIMMG150DR060DE Datasheet
2Mb / 5P
   600V 150A IGBT Module RoHS Compliant
MIMMG100SR060UZA MICROSS-MIMMG100SR060UZA Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG100S060B6N MICROSS-MIMMG100S060B6N Datasheet
2Mb / 5P
   600V 100A IGBT Module RoHS Compliant
MIMMG75SR060UZA MICROSS-MIMMG75SR060UZA Datasheet
2Mb / 5P
   600V 75A IGBT Module RoHS Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com