Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIMMG200S060B6N Datasheet(PDF) 2 Page - Micross Components

Part # MIMMG200S060B6N
Description  600V 200A IGBT Module RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMG200S060B6N Datasheet(HTML) 2 Page - Micross Components

  MIMMG200S060B6N Datasheet HTML 1Page - Micross Components MIMMG200S060B6N Datasheet HTML 2Page - Micross Components MIMMG200S060B6N Datasheet HTML 3Page - Micross Components MIMMG200S060B6N Datasheet HTML 4Page - Micross Components MIMMG200S060B6N Datasheet HTML 5Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MIMMG200S060B6N
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IGBT
VGE(th)
Gate - Emitter Threshold Voltage VCE=VGE, IC=4mA
4.5
5.5
6.5
V
IC=200A, VGE=15V, TJ=25°C
1.95
2.45
V
VCE(sat)
Collector - Emitter
Saturation Voltage
IC=200A, VGE=15V, TJ=125°C
2.2
V
VCE=600V, VGE=0V, TJ=25°C
0.5
mA
ICES
Collector Leakage Current
VCE=600V, VGE=0V, TJ=125°C
1
mA
IGES
Gate Leakage Current
VCE=0V, VGE=±20V
-0.6
0.6
μA
RGint
Integrated Gate Resistor
5
7
Ω
Qge
Gate Charge
VCC=300V, IC=200A , VGE=±15V
890
nC
Cies
Input Capacitance
9
nF
Coes
Output Capacitance
0.9
nF
Cres
Reverse Transfer Capacitance
VCE=25V, VGE=0V, f =1MHz
0.8
nF
td(on)
Turn - on Delay Time
163
ns
tr
Rise Time
43
ns
td(off)
Turn - off Delay Time
253
ns
tf
Fall Time
VCC=300V, IC=200A
RG =1.5Ω,VGE=±15V
TJ=25°C
Inductive Load
33
ns
td(on)
Turn - on Delay Time
180
ns
tr
Rise Time
49
ns
td(off)
Turn - off Delay Time
285
ns
tf
Fall Time
VCC=300V, IC=200A
RG =1.5Ω,VGE=±15V
TJ=125°C
Inductive Load
41
ns
3
mJ
Eon
Turn - on Switching Energy
4.6
mJ
4.1
mJ
Eoff
Turn - off Switching Energy
VCC=300V, IC=200A
TJ=25°C
RG =1.5Ω
TJ=125°C
VGE=±15V
TJ=25°C
Inductive Load
TJ=125°C
6.3
mJ
Free-Wheeling Diode
IF=200A , VGE=0V, TJ=25°C
1.25
1.6
V
VF
Forward Voltage
IF=200A , VGE=0V, TJ=125°C
1.2
V
trr
Reverse Recovery Time
249
ns
IRRM
Max. Reverse Recovery Current
107
A
Qrr
Reverse Recovery Charge
IF=200A , VR=300V
diF/dt=-1000A/μs
TJ=125°C
15.5
µC
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RthJC
Junction-to-Case Thermal Resistance
Per IGBT
0.17
K /W
RthJCD
Junction-to-Case Thermal Resistance
Per Inverse Diode
0.3
K /W
Torque
Module-to-Sink
Recommended(M6)
3
5
N· m
Torque
Module Electrodes
Recommended(M5)
2.5
5
N· m
Weight
150
g


Similar Part No. - MIMMG200S060B6N

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG200S060B6EN MICROSS-MIMMG200S060B6EN Datasheet
2Mb / 5P
   600V 200A IGBT Module RoHS Compliant
More results

Similar Description - MIMMG200S060B6N

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG200S060B6EN MICROSS-MIMMG200S060B6EN Datasheet
2Mb / 5P
   600V 200A IGBT Module RoHS Compliant
MIMMG200DR060UA MICROSS-MIMMG200DR060UA Datasheet
2Mb / 5P
   600V 200A IGBT Module RoHS Compliant
MIMMG200DR060UK MICROSS-MIMMG200DR060UK Datasheet
2Mb / 5P
   600V 200A IGBT Module RoHS Compliant
MIMMG200DR060DE MICROSS-MIMMG200DR060DE Datasheet
2Mb / 5P
   600V 200A IGBT Module RoHS Compliant
MIMMG200DR060UZK MICROSS-MIMMG200DR060UZK Datasheet
2Mb / 5P
   600V 200A IGBT Module RoHS Compliant
MIMMG200DR060UZA MICROSS-MIMMG200DR060UZA Datasheet
2Mb / 5P
   600V 200A IGBT Module RoHS Compliant
MIMMG200DR060B MICROSS-MIMMG200DR060B Datasheet
2Mb / 5P
   600V 200A IGBT Module RoHS Compliant
MIMMG200D060B6N MICROSS-MIMMG200D060B6N Datasheet
2Mb / 5P
   600V 200A IGBT Module RoHS Compliant
MIMMF200S060B MICROSS-MIMMF200S060B Datasheet
1Mb / 3P
   600V 200A FRED Module RoHS Compliant
MIMMF200S060DK2B MICROSS-MIMMF200S060DK2B Datasheet
1Mb / 3P
   600V 200A FRED Module RoHS Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com