Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIMMG200DR120UA Datasheet(PDF) 4 Page - Micross Components

Part # MIMMG200DR120UA
Description  1200V 200A IGBT Module RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMG200DR120UA Datasheet(HTML) 4 Page - Micross Components

  MIMMG200DR120UA Datasheet HTML 1Page - Micross Components MIMMG200DR120UA Datasheet HTML 2Page - Micross Components MIMMG200DR120UA Datasheet HTML 3Page - Micross Components MIMMG200DR120UA Datasheet HTML 4Page - Micross Components MIMMG200DR120UA Datasheet HTML 5Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MIMMG200DR120UA
TJ =150°C
TC =25°C
VGE =15V
VCE(V)
Figure8. Typical Capacitances vs. VCE
Qg(µC)
Figure7. Gate Charge characteristics
0
20
25
10
15
5
0.4
0
0.8
1.2
1.6
2.0
VGE =0V
f=1MHz
Cies
Coes
Cres
0.1
1
10
0
5
10
15
20
25
30
35
TC Case Temperature(°C)
Figure11. Rated Current vs. TC
TJ =150°C
VGE ≥15V
0
125 150 175
50
75 100
250
300
50
100
150
200
0
25
3000
3600
500
400
300
200
100
0
200
600
VCE(V)
Figure9. Reverse Biased Safe Operating Area
1400
1200
1000
800
400
0
2400
1800
1200
600
00 200 400 600 800 1000 1200
VCE(V)
Figure10. Short Circuit Safe Operating Area
1400
TJ =150°C
TC =25°C
VGE =15V
tsc≤10µs
TJ =25°C
TJ =125°C
VF(V)
Figure12. Diode Forward Characteristics
0
0
100
300
400
600
500
0.5
200
1.0 1.5 2.0 2.5
3
3.5
VCC=600V
IC=200A
TJ =25°C
600
700
350
100


Similar Part No. - MIMMG200DR120UA

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG200DR120UK MICROSS-MIMMG200DR120UK Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200DR120UZA MICROSS-MIMMG200DR120UZA Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200DR120UZK MICROSS-MIMMG200DR120UZK Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
More results

Similar Description - MIMMG200DR120UA

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG200DR120DE MICROSS-MIMMG200DR120DE Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200D120B6UN MICROSS-MIMMG200D120B6UN Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200D120B6TN MICROSS-MIMMG200D120B6TN Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200DR120UZA MICROSS-MIMMG200DR120UZA Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200DR120UK MICROSS-MIMMG200DR120UK Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200DR120B MICROSS-MIMMG200DR120B Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMG200DR120UZK MICROSS-MIMMG200DR120UZK Datasheet
2Mb / 5P
   1200V 200A IGBT Module RoHS Compliant
MIMMF200N120DA MICROSS-MIMMF200N120DA Datasheet
1Mb / 3P
   1200V 200A FRED Module RoHS Compliant
MIMMD200FB160X MICROSS-MIMMD200FB160X Datasheet
1Mb / 2P
   1200V 200A Rectifier Module RoHS Compliant
MIMMF200S120B MICROSS-MIMMF200S120B Datasheet
1Mb / 2P
   1200V 200A FRED Module RoHS Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com