Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM316-10G8SW-XY Datasheet(PDF) 4 Page - MRV Communications, Inc.

Part # EM316-10G8SW-XY
Description  10/1 GIGABIT ETHERNET MULTI-FUNCTION MEDIA MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM316-10G8SW-XY Datasheet(HTML) 4 Page - MRV Communications, Inc.

  EM316-10G8SW-XY Datasheet HTML 1Page - MRV Communications, Inc. EM316-10G8SW-XY Datasheet HTML 2Page - MRV Communications, Inc. EM316-10G8SW-XY Datasheet HTML 3Page - MRV Communications, Inc. EM316-10G8SW-XY Datasheet HTML 4Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Datasheet
Datasheet
MRV-FD-10G8SWXY-062810
Copyright ©2011 MRV Communications, Inc. All Rights Reserved.
3020113-001 Rev. A3
MRV has more than 50 offices throughout the world. Addresses, phone numbers and fax numbers are listed at www.mrv.com.
Please e-mail us at info@mrv.com or call us for assistance.
MRV Los Angeles
MRV Boston
MRV International
20415 Nordhoff Street
300 Apollo Drive
Business Park Moerfelden
Chatsworth, CA 91311
Chelmsford, MA 01824
Waldeckerstrasse 13
800-338-5316
800-338-5316
64546 Moerfelden-Walldorf
818-773-0900
978-674-6800
Germany
Tel. (49) 6105/2070
Fax (49) 6105/207-100
All statements, technical information, and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the
accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information.
MRV Communications and the MRV Communications logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
Model
Function
Protocol
Connectors
EM316-10G8SW-XY
Gigabit/10-Gigabit Ethernet Multi-Function
Media Module
1000BASE-X
10-Gigabit Ethernet
LAN WAN PHY
SFP (x8) / XFP (x2)
Physical Specifications
Operating Temperature
0°C to 50°C (32°F to 122°F)
Storage Temperature
-40°C to 70°C (-40°F to 158°F)
Relative Humidity
85% maximum, non-condensing
Physical Dimensions
75 mm x 75 mm x 175 mm (3” x 3” x 7” )
Weight
531 g (18.7 oz)
Power Requirement
25 Watts
Regulatory Compliance
FCC Part 15, Class A; IC, Class A; EMC Directive: Emission (Class A) and Immunity;
WEEE Directive: Wheelie Bin Mark; RoHS Directive; China RoHS


Similar Part No. - EM316-10G8SW-XY

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316-10G-XY MRV-EM316-10G-XY Datasheet
145Kb / 2P
   10 Gbps Converter/Repeater/WDM Transponder
More results

Similar Description - EM316-10G8SW-XY

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316SW-XY MRV-EM316SW-XY Datasheet
568Kb / 5P
   Fast Ethernet Multi-Function Media Converters
logo
List of Unclassifed Man...
NPC1140-BB1C ETC2-NPC1140-BB1C Datasheet
99Kb / 1P
   Quad Gigabit Ethernet Media Access Controller
logo
Molex Electronics Ltd.
0622029870 MOLEX-0622029870 Datasheet
34Kb / 1P
   1 Gigabit Ethernet and 10 Gigabit Ethernet 2x6 Magnetic Jack Tooling
12/19/2018
62202-9876 MOLEX-62202-9876 Datasheet
31Kb / 1P
   1 Gigabit Ethernet and 10 Gigabit Ethernet 2x6 Magnetic Jack Tooling
06/25/2014
logo
Router-switch Ltd.
JL676A ROUTER-SWITCH-JL676A Datasheet
103Kb / 4P
   10 Gigabit Ethernet
logo
Glenair, Inc.
050-101 GLENAIR-050-101 Datasheet
260Kb / 4P
   GigaBit Ethernet Copper to Fiber Media Converter
logo
ORing Industrial Networ...
IGMC-111GP ORING-IGMC-111GP Datasheet
342Kb / 5P
   Industrial Gigabit Ethernet to fiber media converter
ITGMC-111GP ORING-ITGMC-111GP Datasheet
955Kb / 3P
   Industrial Gigabit Ethernet to fiber media converter
logo
List of Unclassifed Man...
HEMC2G ETC2-HEMC2G Datasheet
517Kb / 3P
   Industrial Gigabit Ethernet to Fiber Media Converter
logo
Moxa Inc.
IMC-101G MOXA-IMC-101G Datasheet
979Kb / 4P
   Industrial Gigabit Ethernet-to-fiber media converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com