Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRAM136-1561A Datasheet(PDF) 5 Page - International Rectifier

Part # IRAM136-1561A
Description  Integrated Power Hybrid IC for Appliance Motor Drive Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAM136-1561A Datasheet(HTML) 5 Page - International Rectifier

  IRAM136-1561A Datasheet HTML 1Page - International Rectifier IRAM136-1561A Datasheet HTML 2Page - International Rectifier IRAM136-1561A Datasheet HTML 3Page - International Rectifier IRAM136-1561A Datasheet HTML 4Page - International Rectifier IRAM136-1561A Datasheet HTML 5Page - International Rectifier IRAM136-1561A Datasheet HTML 6Page - International Rectifier IRAM136-1561A Datasheet HTML 7Page - International Rectifier IRAM136-1561A Datasheet HTML 8Page - International Rectifier IRAM136-1561A Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
IRAM136-1561A
www.irf.com
5
Static Electrical Characteristics Driver Function
Symbol
Definition
Min
Typ
Max
Units
VIN,th+
Positive going input threshold for LIN, HIN, FLT/EN
2.5
---
---
V
VIN,th-
Negative going input threshold for LIN, HIN, FLT/EN
---
---
0.8
V
VCCUV+, VBSUV+
VCC/VBS supply undervoltage, Positive going threshold
10.6
11.1
11.6
V
VCCUV-, VBSUV-
VCC/VBS supply undervoltage, Negative going threshold
10.4
10.9
11.4
V
VCCUVH, VBSUVH
VCC and VBS supply undervoltage lock-out hysteresis
---
0.2
---
V
IQBS
Quiescent VBS supply current
---
---
150
μA
IQCC
Quiescent VCC supply current
---
---
3.2
mA
ILK
Offset Supply Leakage Current
---
---
50
μA
IIN+
Input bias current VIN=3.3V for LIN, HIN, FLT/EN
---
100
195
μA
IIN-
Input bias current VIN=0V for LIN, HIN, FLT/EN
-1
--
---
μA
ITRIP+
ITRIP bias current VT/ITRIP=3.3V
---
3.3
6
μA
ITRIP-
ITRIP bias current VT/ITRIP=0V
-1
---
---
μA
V(ITRIP)ITRIP threshold Voltage
0.44
0.49
0.54
V
V(ITrip, HYS)
ITRIP Input Hysteresis
---
0.07
---
V
Ron_FLT
Fault low on resistance
---
50
100
VBIAS (VCC, VBS1,2,3)=15V, TJ=25ºC, unless otherwise specified. The VIN and IIN parameters are referenced to COM and
are applicable to all six channels. (Note 3)
Dynamic Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Units Conditions
TON
Input to Output propagation turn-
on delay time (see fig.11)
---
---
1.15
μs
TOFF
Input to Output propagation turn-
off delay time (see fig. 11)
---
---
1.15
μs
TFILIN
Input filter time (HIN,LIN)
---
310
---
ns
VIN=0 or VIN=5V
TFILEN
Input filter time (FLT/EN)
100
200
---
ns
VIN=0 or VIN=5V
TEN
EN low to six switch turn-off
propagation delay (see fig. 3)
---
---
1.35
μsVIN=0 or VIN=5V, VEN=0
TFLT
ITRIP to Fault propagation delay
400
600
800
ns
VIN=0 or VIN=5V, VITRIP=5V
TBLT-ITRIP
ITRIP Blanking Time
100
150
---
ns
VIN=0 or VIN=5V, VITRIP=5V
TITRIP
ITRIP to six switch turn-off
propagation delay (see fig. 2)
---
---
1.5
μsIC=7.5A, V+=300V
DT
Internal Dead Time injected by
driver
220
290
360
ns
VIN=0 or VIN=5V
MT
Matching Propagation Delay Time
(On & Off) all channels
---
40
75
ns
External dead time> 400ns
1.17
1.7
2.19
TC = 25°C
11.5
1.9
TC = 100°C
VBIAS (VCC, VBS1,2,3)=15V, TJ=25ºC, unless otherwise specified. Driver only timing unless otherwise specified.
TFLT-CLR
Post ITRIP to six switch turn-off
clear time (see fig. 2)
ms
IC=7.5A, V+=300V


Similar Part No. - IRAM136-1561A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAM136-1060A IRF-IRAM136-1060A Datasheet
259Kb / 17P
   10A, 600Vwith Open Emitter Pins
IRAM136-1060B IRF-IRAM136-1060B Datasheet
301Kb / 18P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-1060BS IRF-IRAM136-1060BS Datasheet
298Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-1061A IRF-IRAM136-1061A Datasheet
562Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
More results

Similar Description - IRAM136-1561A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMX16UP60A IRF-IRAMX16UP60A_08 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60B IRF-IRAMX16UP60B_15 Datasheet
458Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-1060B IRF-IRAM136-1060B Datasheet
301Kb / 18P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMS12UP60A IRF-IRAMS12UP60A Datasheet
301Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM109-015SD IRF-IRAM109-015SD Datasheet
316Kb / 15P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAM136-0760A IRF-IRAM136-0760A Datasheet
258Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60A-2 IRF-IRAMX16UP60A-2 Datasheet
379Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
IRAMS10UP60B IRF-IRAMS10UP60B_05 Datasheet
485Kb / 17P
   INTEGRATED POWER HYBRID IC FOR APPLIANCE MOTOR DRIVE APPLICATIONS
IRAM136-1061A IRF-IRAM136-1061A Datasheet
562Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX16UP60B-2 IRF-IRAMX16UP60B-2 Datasheet
458Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications.
IRAMS12UP60A-2 IRF-IRAMS12UP60A-2 Datasheet
301Kb / 17P
   Integrated Power Hybrid IC for Appliance Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com