Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIMMG150DR060UZA Datasheet(PDF) 3 Page - Micross Components

Part # MIMMG150DR060UZA
Description  600V 150A IGBT Module RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMG150DR060UZA Datasheet(HTML) 3 Page - Micross Components

  MIMMG150DR060UZA Datasheet HTML 1Page - Micross Components MIMMG150DR060UZA Datasheet HTML 2Page - Micross Components MIMMG150DR060UZA Datasheet HTML 3Page - Micross Components MIMMG150DR060UZA Datasheet HTML 4Page - Micross Components MIMMG150DR060UZA Datasheet HTML 5Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MIMMG150DR060UZA
VCE(sat)(V)
Figure1. Typical Output characteristics
TJ =125°C
TJ =25°C
600
500
400
300
200
100
0
0
0.5
1
1.5
2
2.5
3
3.5
40
50
VGE(V)
Figure2. Typical Transfer characteristics
14
12
10
8
6
4
2
0
0
100
200
300
400
500
600
VCE=20V
120
100
80
60
40
20
0 100
300
IC(A)
Figure3. Switching Energy vs. Collector Current
VCC=300V
RG=5ohm
VGE=±15V
TJ =125°C
Eon
Eoff
700
600
500
400
200
0
20
30
10
00
5
10
15
20
25
30
Eon
Eoff
RG(ohm)
Figure4. Switching Energy vs. Gate Resistor
35
VCC=300V
IC=200A
VGE=±15V
TJ =125°C
103
102
0
60
180
IC(A)
Figure5. Switching Times vs. Collector Current
VCC=300V
RG=5ohm
VGE=±15V
TJ =125°C
td(off)
420
360
300
240
120
0
1
0
1
0
2.5
5
7.5
10 12.5 15
RG(ohm)
Figure6. Switching Times vs. Gate Resistor
17.5
VCC=300V
IC=200A
VGE=±15V
TJ =125°C
103
102
td(on)
tr
tf
td(off)
td(on)
tf
tr
TJ =125°C
TJ =25°C


Similar Part No. - MIMMG150DR060UZA

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG150DR060UA MICROSS-MIMMG150DR060UA Datasheet
2Mb / 5P
   600V 150A IGBT Module RoHS Compliant
MIMMG150DR060UK MICROSS-MIMMG150DR060UK Datasheet
2Mb / 5P
   600V 150A IGBT Module RoHS Compliant
More results

Similar Description - MIMMG150DR060UZA

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG150DR060DE MICROSS-MIMMG150DR060DE Datasheet
2Mb / 5P
   600V 150A IGBT Module RoHS Compliant
MIMMG150DR060UA MICROSS-MIMMG150DR060UA Datasheet
2Mb / 5P
   600V 150A IGBT Module RoHS Compliant
MIMMG150D060UZK MICROSS-MIMMG150D060UZK Datasheet
2Mb / 5P
   600V 150A IGBT Module RoHS Compliant
MIMMG150S060B6N MICROSS-MIMMG150S060B6N Datasheet
2Mb / 5P
   600V 150A IGBT Module RoHS Compliant
MIMMG150DR060B MICROSS-MIMMG150DR060B Datasheet
2Mb / 5P
   600V 150A IGBT Module RoHS Compliant
MIMMG150DR060UK MICROSS-MIMMG150DR060UK Datasheet
2Mb / 5P
   600V 150A IGBT Module RoHS Compliant
MIMMG150S060B6EN MICROSS-MIMMG150S060B6EN Datasheet
2Mb / 5P
   600V 150A IGBT Module RoHS Compliant
MIMMF150S060B MICROSS-MIMMF150S060B Datasheet
1Mb / 3P
   600V 150A FRED Module RoHS Compliant
MIMMG150DR120UZA MICROSS-MIMMG150DR120UZA Datasheet
2Mb / 5P
   1200V 150A IGBT Module RoHS Compliant
MIMMG150DR120UK MICROSS-MIMMG150DR120UK Datasheet
2Mb / 5P
   1200V 150A IGBT Module RoHS Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com