Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIMMG150DR060UK Datasheet(PDF) 5 Page - Micross Components

Part # MIMMG150DR060UK
Description  600V 150A IGBT Module RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMG150DR060UK Datasheet(HTML) 5 Page - Micross Components

  MIMMG150DR060UK Datasheet HTML 1Page - Micross Components MIMMG150DR060UK Datasheet HTML 2Page - Micross Components MIMMG150DR060UK Datasheet HTML 3Page - Micross Components MIMMG150DR060UK Datasheet HTML 4Page - Micross Components MIMMG150DR060UK Datasheet HTML 5Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MIMMG150DR060UK
Rectangular Pulse Duration (seconds)
Figure13. Transient Thermal Impedance of IGBT
Duty
0.5
0.2
0.1
0.05
Single Pulse
Duty
0.5
0.2
0.1
0.05
Single Pulse
10-4
10-4
10-3
10-2
10-1
1
10-3
10-2
10-1
1
1
1
10-1
10-1
10-2
10-2
10-3
10-3
10-4
10-4
Rectangular Pulse Duration (seconds)
Figure14. Transient Thermal Impedance of Diode
Dimensions in mm
Figure16. Package Outlines
93.0
28.0
28.0
20.0
108.0
M6
2.8x0.5
1
2
3
22.0
6.0
18
Φ
6.5
Figure15. Circuit Diagram
1
2
3
5
4


Similar Part No. - MIMMG150DR060UK

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG150DR060UA MICROSS-MIMMG150DR060UA Datasheet
2Mb / 5P
   600V 150A IGBT Module RoHS Compliant
MIMMG150DR060UZA MICROSS-MIMMG150DR060UZA Datasheet
2Mb / 5P
   600V 150A IGBT Module RoHS Compliant
More results

Similar Description - MIMMG150DR060UK

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG150DR060DE MICROSS-MIMMG150DR060DE Datasheet
2Mb / 5P
   600V 150A IGBT Module RoHS Compliant
MIMMG150DR060UA MICROSS-MIMMG150DR060UA Datasheet
2Mb / 5P
   600V 150A IGBT Module RoHS Compliant
MIMMG150D060UZK MICROSS-MIMMG150D060UZK Datasheet
2Mb / 5P
   600V 150A IGBT Module RoHS Compliant
MIMMG150S060B6N MICROSS-MIMMG150S060B6N Datasheet
2Mb / 5P
   600V 150A IGBT Module RoHS Compliant
MIMMG150DR060UZA MICROSS-MIMMG150DR060UZA Datasheet
2Mb / 5P
   600V 150A IGBT Module RoHS Compliant
MIMMG150DR060B MICROSS-MIMMG150DR060B Datasheet
2Mb / 5P
   600V 150A IGBT Module RoHS Compliant
MIMMG150S060B6EN MICROSS-MIMMG150S060B6EN Datasheet
2Mb / 5P
   600V 150A IGBT Module RoHS Compliant
MIMMF150S060B MICROSS-MIMMF150S060B Datasheet
1Mb / 3P
   600V 150A FRED Module RoHS Compliant
MIMMG150DR120UZA MICROSS-MIMMG150DR120UZA Datasheet
2Mb / 5P
   1200V 150A IGBT Module RoHS Compliant
MIMMG150DR120UK MICROSS-MIMMG150DR120UK Datasheet
2Mb / 5P
   1200V 150A IGBT Module RoHS Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com