Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIMMG75SR120UZK Datasheet(PDF) 5 Page - Micross Components

Part # MIMMG75SR120UZK
Description  1200V 75A IGBT Module RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMG75SR120UZK Datasheet(HTML) 5 Page - Micross Components

  MIMMG75SR120UZK Datasheet HTML 1Page - Micross Components MIMMG75SR120UZK Datasheet HTML 2Page - Micross Components MIMMG75SR120UZK Datasheet HTML 3Page - Micross Components MIMMG75SR120UZK Datasheet HTML 4Page - Micross Components MIMMG75SR120UZK Datasheet HTML 5Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MIMMG75SR120UZK
Dimensions in mm
Figure16. Package Outlines
Rectangular Pulse Duration (seconds)
Figure13. Transient Thermal Impedance of IGBT
Duty
0.5
0.2
0.1
0.05
Single Pulse
Duty
0.5
0.2
0.1
0.05
Single Pulse
10-4
10-4
10-3
10-2
10-1
1
10-3
10-2
10-1
1
1
1
10-1
10-1
10-2
10-2
10-3
10-3
10-4
10-4
Rectangular Pulse Duration (seconds)
Figure14. Transient Thermal Impedance of Diode
94.0
23.0
23.0
17.0
80.0
M5
2.8x0.5
1
2
3
Figure15. Circuit Diagram
1
2
3
5
4


Similar Part No. - MIMMG75SR120UZK

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG75SR120UZA MICROSS-MIMMG75SR120UZA Datasheet
2Mb / 5P
   1200V 75A IGBT Module RoHS Compliant
More results

Similar Description - MIMMG75SR120UZK

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG75J120UZ MICROSS-MIMMG75J120UZ Datasheet
2Mb / 4P
   1200V 75A IGBT Module RoHS Compliant
MIMMG75J120U MICROSS-MIMMG75J120U Datasheet
2Mb / 4P
   1200V 75A IGBT Module RoHS Compliant
MIMMG75SR120B MICROSS-MIMMG75SR120B Datasheet
2Mb / 5P
   1200V 75A IGBT Module RoHS Compliant
MIMMG75SR120UA MICROSS-MIMMG75SR120UA Datasheet
2Mb / 5P
   1200V 75A IGBT Module RoHS Compliant
MIMMG75S120B6UN MICROSS-MIMMG75S120B6UN Datasheet
2Mb / 5P
   1200V 75A IGBT Module RoHS Compliant
MIMMG75SR120UK MICROSS-MIMMG75SR120UK Datasheet
2Mb / 5P
   1200V 75A IGBT Module RoHS Compliant
MIMMG75SR120DE MICROSS-MIMMG75SR120DE Datasheet
2Mb / 5P
   1200V 75A IGBT Module RoHS Compliant
MIMMG75SR120UZA MICROSS-MIMMG75SR120UZA Datasheet
2Mb / 5P
   1200V 75A IGBT Module RoHS Compliant
MIMMG75W120XB6TN MICROSS-MIMMG75W120XB6TN Datasheet
3Mb / 8P
   1200V 75A PIM Module RoHS Compliant
MIMMG75HB120H6UN MICROSS-MIMMG75HB120H6UN Datasheet
2Mb / 6P
   1200V 75A Four-Pack Module RoHS Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com