Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIMMG75SR120UK Datasheet(PDF) 2 Page - Micross Components

Part # MIMMG75SR120UK
Description  1200V 75A IGBT Module RoHS Compliant
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

MIMMG75SR120UK Datasheet(HTML) 2 Page - Micross Components

  MIMMG75SR120UK Datasheet HTML 1Page - Micross Components MIMMG75SR120UK Datasheet HTML 2Page - Micross Components MIMMG75SR120UK Datasheet HTML 3Page - Micross Components MIMMG75SR120UK Datasheet HTML 4Page - Micross Components MIMMG75SR120UK Datasheet HTML 5Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MIMMG75SR120UK
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise specified
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min. Typ. Max.
Unit
IGBT
VGE(th)
Gate - Emitter Threshold Voltage VCE=VGE, IC=3mA
5
6.2
7
V
IC=75A, VGE=15V, TJ=25°C
1.8
V
VCE(sat)
Collector - Emitter
Saturation Voltage
IC=75A, VGE=15V, TJ=125°C
2.0
V
VCE=1200V, VGE=0V, TJ=25°C
0.2
0.5
mA
ICES
Collector Leakage Current
VCE=1200V, VGE=0V, TJ=125°C
2
mA
IGES
Gate Leakage Current
VCE=0V, VGE=±20V
-100
100
nA
Qge
Gate Charge
VCC=600V, IC=75A, VGE=±15V
780
nC
Cies
F
n
2
5
.
5
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
Coes
Output Capacitance
0.4
nF
Cres
Reverse Transfer Capacitance
VCE=25V, VGE=0V, f =1MHz
0.26
nF
td(on)
s
n
0
5
1
e
m
i
T
y
a
l
e
D
n
o
-
n
r
u
T
tr
s
n
5
6
e
m
i
T
e
s
i
R
td(off)
s
n
0
4
4
e
m
i
T
y
a
l
e
D
ff
o
-
n
r
u
T
tf
Fall Time
VCC=600V, IC=75A
RG =15Ω,VGE=±15V
TJ=25°C
Inductive Load
55
ns
td(on)
s
n
0
6
1
e
m
i
T
y
a
l
e
D
n
o
-
n
r
u
T
tr
s
n
5
6
e
m
i
T
e
s
i
R
td(off)
s
n
0
0
5
e
m
i
T
y
a
l
e
D
ff
o
-
n
r
u
T
tf
Fall Time
VCC=600V, IC=75A
RG =15Ω,VGE=±15V
TJ=125°C
Inductive Load
70
ns
7.45
mJ
Eon
Turn - on Switching Energy
10.3
mJ
4.9
mJ
Eoff
Turn - off Switching Energy
VCC=600V, IC=75A
TJ=25°C
RG =15Ω
TJ=125°C
VGE=±15V
TJ=25°C
Inductive Load
TJ=125°C
7.8
mJ
Free-Wheeling Diode
IF=75A, VGE=0V, TJ=25°C
2.0
2.48
V
VF
Forward Voltage
IF=75A, VGE=0V, TJ=125°C
1.7
2.20
V
trr
s
n
0
0
2
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
IRRM
A
0
7
t
n
e
rr
u
C
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
.
x
a
M
Qrr
Reverse Recovery Charge
IF=75A, VR=800V
diF/dt=-1000A/μs
TJ=125°C
8.2
µC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RthJC
Junction-to-Case Thermal Resistance
Per IGBT
0.2
K /W
RthJCD
Junction-to-Case Thermal Resistance
Per Inverse Diode
0.5
K /W
Torque
Module-to-Sink
Recommended(M6)
3
5
N· m
Torque
Module Electrodes
Recommended(M5)
2.5
5
N· m
Weight
150
g


Similar Part No. - MIMMG75SR120UK

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG75SR120UA MICROSS-MIMMG75SR120UA Datasheet
2Mb / 5P
   1200V 75A IGBT Module RoHS Compliant
MIMMG75SR120UZA MICROSS-MIMMG75SR120UZA Datasheet
2Mb / 5P
   1200V 75A IGBT Module RoHS Compliant
MIMMG75SR120UZK MICROSS-MIMMG75SR120UZK Datasheet
2Mb / 5P
   1200V 75A IGBT Module RoHS Compliant
More results

Similar Description - MIMMG75SR120UK

ManufacturerPart #DatasheetDescription
logo
Micross Components
MIMMG75J120UZ MICROSS-MIMMG75J120UZ Datasheet
2Mb / 4P
   1200V 75A IGBT Module RoHS Compliant
MIMMG75SR120UZK MICROSS-MIMMG75SR120UZK Datasheet
2Mb / 5P
   1200V 75A IGBT Module RoHS Compliant
MIMMG75J120U MICROSS-MIMMG75J120U Datasheet
2Mb / 4P
   1200V 75A IGBT Module RoHS Compliant
MIMMG75SR120B MICROSS-MIMMG75SR120B Datasheet
2Mb / 5P
   1200V 75A IGBT Module RoHS Compliant
MIMMG75SR120UA MICROSS-MIMMG75SR120UA Datasheet
2Mb / 5P
   1200V 75A IGBT Module RoHS Compliant
MIMMG75S120B6UN MICROSS-MIMMG75S120B6UN Datasheet
2Mb / 5P
   1200V 75A IGBT Module RoHS Compliant
MIMMG75SR120DE MICROSS-MIMMG75SR120DE Datasheet
2Mb / 5P
   1200V 75A IGBT Module RoHS Compliant
MIMMG75SR120UZA MICROSS-MIMMG75SR120UZA Datasheet
2Mb / 5P
   1200V 75A IGBT Module RoHS Compliant
MIMMG75W120XB6TN MICROSS-MIMMG75W120XB6TN Datasheet
3Mb / 8P
   1200V 75A PIM Module RoHS Compliant
MIMMG75HB120H6UN MICROSS-MIMMG75HB120H6UN Datasheet
2Mb / 6P
   1200V 75A Four-Pack Module RoHS Compliant
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com