Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F55NF06 Datasheet(PDF) 6 Page - Thinki Semiconductor Co., Ltd.

Part # F55NF06
Description  N-CHANNEL POWER MOSFET TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

F55NF06 Datasheet(HTML) 6 Page - Thinki Semiconductor Co., Ltd.

  F55NF06 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. F55NF06 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. F55NF06 Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. F55NF06 Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. F55NF06 Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd. F55NF06 Datasheet HTML 6Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
„
TYPICAL CHARACTERISTICS(Cont.)
-100
Junction Temperature, TJ (°C)
-50
50
200
*Note:
1. VGS=0V
2. ID=250μA
100
150
1.2
Breakdown Voltage Variation vs.
Junction Temperature
0
1.1
1.0
0.9
0.8
-50
50
100
150
3.0
On-Resistance Variation vs.
Junction Temperature
0
2.0
1.0
0.5
0.0
1.5
2.5
Junction Temperature, TJ (°C)
*Note:
1. VGS=10V
2. ID=25A
10
1
10
0
10
-1
Drain-Source Voltage, VDS (V)
Maximum Safe Operating
10
-1
10
3
Case Temperature, TC (°C)
75
100
150
50
Maximum Drain Current vs.
Case Temperature
0
125
50
25
10
20
30
40
10
0
10
1
10
2
Operation in This
Area by RDS (on)
*Note:
1. Tc=25°C
2. TJ=150°C
3. Single Pulse
100μs
1ms
10ms
10ms
10
2
®
55NF06
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 6/6
Rev.02


Similar Part No. - F55NF06

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
F55 OHMITE-F55 Datasheet
360Kb / 3P
   Stackable
logo
Fox Electronics
F5500 FOX-F5500 Datasheet
209Kb / 1P
   SMD COMPLEMENTARY OUTPUT ECL OSCILLATOR
F5500AC FOX-F5500AC Datasheet
209Kb / 1P
   SMD COMPLEMENTARY OUTPUT ECL OSCILLATOR
F5500ACR FOX-F5500ACR Datasheet
209Kb / 1P
   SMD COMPLEMENTARY OUTPUT ECL OSCILLATOR
F5500BC FOX-F5500BC Datasheet
209Kb / 1P
   SMD COMPLEMENTARY OUTPUT ECL OSCILLATOR
More results

Similar Description - F55NF06

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
3710Z KIA-3710Z Datasheet
278Kb / 7P
   59A100V N-CHANNEL POWER MOSFET TRANSISTOR
logo
Unisonic Technologies
UTT36N05 UTC-UTT36N05_15 Datasheet
214Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
logo
Thinki Semiconductor Co...
IRF3205 THINKISEMI-IRF3205 Datasheet
970Kb / 5P
   N-Channel Trench Process Power MOSFET Transistor
logo
Inchange Semiconductor ...
IPD65R600E6 ISC-IPD65R600E6 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
IRL8113 ISC-IRL8113 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
IRLB8721 ISC-IRLB8721 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
IRLZ24N ISC-IRLZ24N Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
IPP048N12N3 ISC-IPP048N12N3 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
IPP50R350CP ISC-IPP50R350CP Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
IPP110N20NA ISC-IPP110N20NA Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com