Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX4016T001AC Datasheet(PDF) 2 Page - MRV Communications, Inc.

Part # LX4016T001AC
Description  LX Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

LX4016T001AC Datasheet(HTML) 2 Page - MRV Communications, Inc.

  LX4016T001AC Datasheet HTML 1Page - MRV Communications, Inc. LX4016T001AC Datasheet HTML 2Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet
Datasheet
MRV operates Worldwide sales and service offices across four continents
Contact us at info@mrv.com
MRV Communications
Corporate Headquarters
300 Apollo Drive
Chelmsford, MA 01824
http://www.mrv.com
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the
accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information.
MRV Communications and the MRV Communications logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
Copyright ©2012 MRV Communications, Inc. All Rights Reserved.
452-0301 Rev. A
Technical Specifications
Number of Serial Ports
8,16, 32 or 48; 1 dedicated Diag\Mgt Port
Internal Modem Option
V.92
Height
4.34 cm, 1.71 in
Width
44.4 cm, 17.48 in
Depth
25.4 cm, 10 in
Weight
Unit: 8.4 lbs (3.81 kg)
Shipping: 12.5 lbs (5.67 kg)
Rack Mount Form Factor
19 or 23 inches, 1U rack unit
Power
Available Options
Single or dual power supplies
120-240V AC, 50/60Hz
0.5 Amps per system
36 - 72 VDC, dual feed
0.75 Amps per system
Heat Disspation
(varies by port configuration,
consult user documentation)
Min 8.6 watts, 30 BTU/HR
Max 21 watts, 72 BTU/HR
General
Network Interface
2 Ethernet RJ-45 10/100Base-T ports
Serial Interface
RS-232, RJ-45
Sensor Inputs
2 sensor inputs per port
Control Outputs
2 control outputs per port
Port Speeds
134 bps to 230.4 Kbps
Base Memory
16 MB Flash, 128 MB SDRAM
Operating Temperature
32 to 104˚ F (0 to 40˚C) Long Term;
-5 to 50˚C Short Term (DC units only)
Storage Temperature
-40 to 185˚ F (-40 to 85˚C)
Humidity
5% to 85% Long Term;
5% to 90% Short Term (DC units only)
Hardware Warranty
3 years
Certifications
Emissions/Immunity
FCC Part 15, Class A
ETSI EN300 386 V1.4.1
Safety
ANSI/UL 60950-1, 2nd Edition (2007)
CSA C22.2 No. 60950-1, 2nd Edition (2007)
IEC 60950-1:2005 (2nd Edition) AM 1:2009
Telecommunications
GR-1089-Core Issue 4, GR-63-Core Issue 3
NEBS Level 3, AT&T TP-76200 Issue 15
R&TTE
TBR21 (Jan 1998)
Declarations
CE, ATICK, CTICK, GOST, ETL-Eu, IRAM, NOM
Environmental
RoHS Directive 2011/65/EU
RoHS 5/6 Compliant
Security
FIPS 140-2*
Ordering Information
AC Models
DC Models
Ports
Options
Single Power Supply
LX-4008T-001AC
LX-4008T-011DC
8
LX-4008T-101AC
LX-4008T-111DC
8
Modem
LX-4016T-001AC
LX-4016T-011DC
16
LX-4016T-101AC
LX-4016T-111DC
16
Modem
LX-4032T-001AC
LX-4032T-011DC
32
LX-4032T-101AC
LX-4032T-111DC
32
Modem
LX-4048T-001AC
LX-4048T-011DC
48
LX-4048T-101AC
LX-4048T-111DC
48
Modem
Dual Power Supply
LX-4008T-002AC
LX-4008T-012DC
8
Dual Power
LX-4008T-102AC
LX-4008T-112DC
8
Dual Pwr Modem
LX-4016T-002AC
LX-4016T-012DC
16
Dual Power
LX-4016T-102AC
LX-4016T-112DC
16
Dual Pwr Modem
LX-4032T-002AC
LX-4032T-012DC
32
Dual Power
LX-4032T-102AC
LX-4032T-112DC
32
Dual Pwr Modem
LX-4048T-002AC
LX-4048T-012DC
48
Dual Power
LX-4048T-102AC
LX-4048T-112DC
48
Dual Pwr Modem
* Append “F” to order code for FIPs 140-2 certified models.
Example: LX-4008T-001ACF


Similar Part No. - LX4016T001AC

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
LX401 POLYFET-LX401 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LX401 POLYFET-LX401_14 Datasheet
62Kb / 2P
   RF POWER LDMOS TRANSISTOR
More results

Similar Description - LX4016T001AC

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
LX-1000T MRV-LX-1000T Datasheet
559Kb / 2P
   LX Series
LX5260 MRV-LX5260 Datasheet
799Kb / 2P
   LX Series
logo
Sharma Electro Componen...
LX SHARMA-LX Datasheet
343Kb / 2P
   LX Series
logo
List of Unclassifed Man...
LX200VB1R0M ETC1-LX200VB1R0M Datasheet
840Kb / 5P
   LXA/LX Series
logo
Banner Engineering Corp...
LXSERIES BANNER-LXSERIES_V01 Datasheet
67Kb / 2P
   LX Series Lens Shields
logo
List of Unclassifed Man...
1783680000 ETC2-1783680000 Datasheet
429Kb / 5P
   OMNIMATE Power - series LX LX 15.00/03/90 4.5SN GY BX
logo
Panasonic Battery Group
EEF-LX PANASONICBATTERY-EEF-LX Datasheet
792Kb / 1P
   EEF-GX and LX Series
logo
MRV Communications, Inc...
LX-8020S-012DCR MRV-LX-8020S-012DCR Datasheet
135Kb / 2P
   LX Series 8000S Console Server
logo
Source Photonics, Inc.
FTM-3413C-SLCG SOURCE-FTM-3413C-SLCG Datasheet
279Kb / 10P
   100BASE-LX/1000BASE-LX Spring-Latch SFP Transceiver
logo
Banner Engineering Corp...
LXSERIES BANNER-LXSERIES Datasheet
746Kb / 6P
   LX Series Part-Sensing Light Screen
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com