Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRV-FD-OADMC Datasheet(PDF) 3 Page - MRV Communications, Inc.

Part # MRV-FD-OADMC
Description  Passive WDM Cables
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

MRV-FD-OADMC Datasheet(HTML) 3 Page - MRV Communications, Inc.

  MRV-FD-OADMC Datasheet HTML 1Page - MRV Communications, Inc. MRV-FD-OADMC Datasheet HTML 2Page - MRV Communications, Inc. MRV-FD-OADMC Datasheet HTML 3Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Datasheet
MRV-FD-OADMC-031811
Copyright ©2011 MRV Communications, Inc. All Rights Reserved.
3020040-001 Rev. A6
MRV has more than 50 offices throughout the world. Addresses, phone numbers and fax numbers are listed at www.mrv.com.
Please e-mail us at info@mrv.com or call us for assistance.
MRV Los Angeles
MRV Boston
MRV International
20415 Nordhoff Street
300 Apollo Drive
Business Park Moerfelden
Chatsworth, CA 91311
Chelmsford, MA 01824
Waldeckerstrasse 13
800-338-5316
800-338-5316
64546 Moerfelden-Walldorf
818-773-0900
978-674-6800
Germany
Tel. (49) 6105/2070
Fax (49) 6105/207-100
All statements, technical information, and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the
accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information.
MRV Communications and the MRV Communications logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
CWDM Wavelengths
xx or yy
Wavelength
xx or yy
Wavelength
xx or yy
Wavelength
xx or yy
Wavelength
31
1310 nm
39
1390 nm
47
1470 nm
55
1550 nm
33
1330 nm
41
1410 nm
49
1490 nm
57
1570 nm
35
1350 nm
43
1430 nm
51
1510 nm
59
1590 nm
37
1370 nm
45
1450 nm
53
1530 nm
61
1610 nm
DWDM Wavelengths
ITU Channel
(xx or yy)
Wavelength
(nm)
ITU Channel
(xx or yy)
Wavelength
(nm)
ITU Channel
(xx or yy)
Wavelength
(nm)
ITU Channel
(xx or yy)
Wavelength
(nm)
21
1560.61
31
1552.52
41
1544.53
51
1536.61
22
1559.79
32
1551.72
42
1543.73
52
1535.82
23
1558.98
33
1550.92
43
1542.94
53
1535.04
24
1558.17
34
1550.12
44
1542.14
54
1534.25
25
1557.36
35
1549.32
45
1541.35
55
1533.47
26
1556.56
36
1548.52
46
1540.56
56
1532.68
27
1555.75
37
1547.72
47
1539.77
57
1531.90
28
1554.94
38
1546.92
48
1538.98
58
1531.12
29
1554.13
39
1546.12
49
1538.19
59
1530.33
30
1553.33
40
1545.32
50
1537.40
60
1529.55
* See the CWDM table below for wavelengths
Ordering Information
Model
Description
Connectors
Port/Link
Wavelength*
(nm)
Insertion Loss
(dB)
PAWSC/xxyy
Passive 2 Wavelength (xx\yy) Cable, Single Fiber SM
SC (x2) / SC
xx/yy ±6.5
0.7
PAWLCSC/xxyy
Passive 2 Wavelength (xx\yy) Cable,Single Fiber SM
LC (x2) / SC
xx/yy ±6.5
0.7
PADMSYY/xx
Cable, Protocol Independent Single Fiber YY Add/Drop
Defined by YY (MU, LC or SC)
xx ±6.5
0.7
PASCSC/3155
Cable, Protocol Independent Single Fiber SC Add/Drop
SC (x2) / SC
1310/1550 ± 40
0.7
PALCSC/3155
Cable, Protocol Independent Single Fiber LC Add/Drop
LC (x2) / SC
1310/1550 ± 40
0.7
PASSIVE CWDM CABLES


Similar Part No. - MRV-FD-OADMC

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
MRV-FD-DWDMMUX MRV-MRV-FD-DWDMMUX Datasheet
71Kb / 3P
   Passive DWDM Components
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
   CWDM Passive Optical Add/Drop Multiplexers
MRV-FD-PWDM MRV-MRV-FD-PWDM Datasheet
288Kb / 3P
   Passive CWDM MUX/DeMUX Modules
MRV-FD-RDDMDXA40 MRV-MRV-FD-RDDMDXA40 Datasheet
1Mb / 3P
   RD-DMDXA40
MRV-FD-SPLTCMB MRV-MRV-FD-SPLTCMB Datasheet
250Kb / 2P
   Passive Splitter/Combiners
More results

Similar Description - MRV-FD-OADMC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3787 MAXIM-MAX3787 Datasheet
2Mb / 15P
   1Gbps to 12.5Gbps Passive Equalizer for Backplanes and Cables
Rev 2; 2/08
logo
OPLINK Communications I...
MWDMGFTTX OPLINK-MWDMGFTTX Datasheet
152Kb / 2P
   WDM (1x2)
MWDMG15981000H1 OPLINK-MWDMG15981000H1 Datasheet
278Kb / 2P
   Micro-Optic WDM
MWDMG1598 OPLINK-MWDMG1598 Datasheet
284Kb / 2P
   Micro-Optic WDM
MWDMGCR OPLINK-MWDMGCR Datasheet
286Kb / 2P
   Micro-Optic WDM
MWDMGCSU OPLINK-MWDMGCSU Datasheet
143Kb / 2P
   Micro-Optic WDM
MWDMGLSU OPLINK-MWDMGLSU Datasheet
184Kb / 2P
    Micro-Optic WDM
HWDMG OPLINK-HWDMG Datasheet
287Kb / 2P
   Micro-Optic WDM
logo
Emerson Network Power
30-9530 EMERSON-NETWORKPOWER-30-9530 Datasheet
59Kb / 1P
   Computer Cables Adapters Cables
logo
Ultralife Corporation.
CAXXXX ULTRALIFE-CAXXXX Datasheet
475Kb / 3P
   Cables
26 MAY 21 Rev: R
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com