Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM800OAI21PM Datasheet(PDF) 3 Page - MRV Communications, Inc.

Part # EM800OAI21PM
Description  LambdaDriver짰 - Optical Amplifi er Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM800OAI21PM Datasheet(HTML) 3 Page - MRV Communications, Inc.

  EM800OAI21PM Datasheet HTML 1Page - MRV Communications, Inc. EM800OAI21PM Datasheet HTML 2Page - MRV Communications, Inc. EM800OAI21PM Datasheet HTML 3Page - MRV Communications, Inc. EM800OAI21PM Datasheet HTML 4Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Parameter
Value
Units
Minimum
Typical
Typical
Maximum
Wavelength Range
1528
1563
nm
Output power
Booster & In-Line
With Mid-Stage
SOAB13, SOAI & Pre-Amplifier
With Mid-Stage
With Mid-Stage
High Power Booster
SOAB13, SOAI & Pre-Amplifier
SOAB13, SOAI & Pre-Amplifier
High Power In-line
High Power Booster
High Power Booster
+18
+17
+13
+22
+21
dBm
Input power
Booster
In-Line
25db gain In-Line
Pre-Amplifier
25db gain In-Line
25db gain In-Line
High Power Booster
Pre-Amplifier
Pre-Amplifier
High Power In-line
High Power Booster
High Power Booster
25db gain High Power In-Line
25db gain High Power In-Line
High Power In-line
High Power In-line
-15
-25
-25
-30
-11
-22
-27
9
-3
-8
-7
14
3
-2
dBm
Signal Gain *
Booster
In-line
Pre-amp
Pre-amp
9 or 15
20 or 25
10 or 20
dB
Noise Figure at rated Gain
Booster
Booster with mid-tage
In-Line
In-Line with mid-tage
Pre-Amplifier
In-Line with mid-tage
In-Line with mid-tage
High Power Booster
Pre-Amplifier
Pre-Amplifier
High Power Booster with mid-tage
High Power Booster
High Power Booster
High Power In-line
High Power Booster with mid-tage
High Power Booster with mid-tage
High Power In-line with mid-tage
High Power In-line with mid-tage
High Power In-line
High Power In-line
7,5
9
6
6
5.5
8
11.5
6
7
dB
Input Dynamic Range
25
dB
Input/Output Isolation (Min)
30
dB
Gain Flatness at Specified Gain with GFF
+/-0.5
+/-1.0
dB
Optical Return Loss (at Input and Output ports)
25
dB
Polarization Mode Dispersion
0.3
0.5
dB
Polariziation Dependent Gain
+/-0.2
+/-0.5
dB
Transient Overshoot (10 dB Drop)
0.5
1.0
dB
Transient Suppression Time (10 dB Drop)
< 32
µs
µs
Management
LEDs
WDM transmission laser status,Temperature status,
Port reception status, Port transmission status
Port reception status, Port transmission status
Monitoring
Input power, Output power, Gain,Temperature
Input power, Output power, Gain,Temperature
Alarm
Input power, Output power,Temperature
Input power, Output power,Temperature
Power Consumption:
18dBm type
Power Consumption:
Power Consumption:
High Power
High Power
18dBm type
18dBm type
3.3 W
15 W
Technical Specifications
Model dependent - see ordering information section
WDM & Optical Transport


Similar Part No. - EM800OAI21PM

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM800OAIT17 MRV-EM800OAIT17 Datasheet
1Mb / 2P
   LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
EM800OAIT17M MRV-EM800OAIT17M Datasheet
1Mb / 2P
   LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
EM800OAIT20 MRV-EM800OAIT20 Datasheet
1Mb / 2P
   LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
EM800OAIT20M MRV-EM800OAIT20M Datasheet
1Mb / 2P
   LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
More results

Similar Description - EM800OAI21PM

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM800-OABT MRV-EM800-OABT Datasheet
1Mb / 2P
   LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
EM800-OAIM MRV-EM800-OAIM Datasheet
1Mb / 4P
   LambdaDriver Optical Amplifi er Module (EM800-OAx/EM1600-OAx)
EM800-MP2 MRV-EM800-MP2 Datasheet
239Kb / 2P
   LambdaDriver짰??Optical Band Splitters Module
EM2009-VOA4 MRV-EM2009-VOA4 Datasheet
1Mb / 2P
   LambdaDriver짰 - Variable Optical Attenuators (VOA) Module
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
   Isolation Amplifi er
logo
API Technologies Corp
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
   Microwave Amplifi er
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com