Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM316DWMUX16BE Datasheet(PDF) 3 Page - MRV Communications, Inc.

Part # EM316DWMUX16BE
Description  Passive DWDM Components
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

EM316DWMUX16BE Datasheet(HTML) 3 Page - MRV Communications, Inc.

  EM316DWMUX16BE Datasheet HTML 1Page - MRV Communications, Inc. EM316DWMUX16BE Datasheet HTML 2Page - MRV Communications, Inc. EM316DWMUX16BE Datasheet HTML 3Page - MRV Communications, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Datasheet
Optical Communications Systems™
MRV-FD-DWDMMUX-102510
Copyright ©2010 MRV Communications, Inc. All Rights Reserved.
3020034-001 Rev. A2
MRV has more than 50 offices throughout the world. Addresses, phone numbers and fax numbers are listed at www.mrv.com.
Please e-mail us at info@mrv.com or call us for assistance.
MRV Los Angeles
MRV Boston
MRV International
20415 Nordhoff Street
300 Apollo Drive
Business Park Moerfelden
Chatsworth, CA 91311
Chelmsford, MA 01824
Waldeckerstrasse 13
800-338-5316
800-338-5316
64546 Moerfelden-Walldorf
818-773-0900
978-674-6800
Germany
Tel. (49) 6105/2070
Fax (49) 6105/207-100
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the
accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information.
MRV Communications and the MRV Communications logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
PASSIVE DWDM OADM
Ordering Information
EM316DPADxx*
One slot, 1 channel passive
DWDM OADM.
MU (x2)
DLC/DLC
Select from 100 GHz ITU Grid,
C-Band channels 20-60
1.5
0.8
≥25
≥10
EM316DPADxxyy*
One slot, 2 channel passive
DWDM OADM.
MU (x4)
DLC/DLC
Select from 100 GHz ITU Grid,
C-Band channels 20-60
1.8
0.9
≥25
≥40
EM316DPAD4xx*
One slot, 4 channel passive
DWDM OADM.
MU (x8)
DLC/DLC
Select from 100 GHz ITU Grid,
C-Band channels 20-60
2.4
1.5
≥25
≥40
EM316DPAD8xx*
One slot, 8 channel passive
DWDM OADM.
MU (x16)
MU (x2) / MU (x2)
Select from 100 GHz ITU Grid,
C-Band channels 20-60
3.6
2.5
≥25
≥40
EM316DDADDxx*
Dual Fiber, 1 channel
DWDM OADM.
MU (x4)
MU (x2) / MU (x2)
East/West (XX - Wavelength
from ITU Grid Table)
1.5
1.0
≥25
≥40
EM316DDADDxxyy*
Dual Fiber, 2 channel
DWDM OADM.
MU (x8)
MU (x2) / MU (x2)
East/West (XXYY - Wavelength
from ITU Grid Table)
2.0
2.1
≥25
≥40
EM316DSADSxx*
Single Fiber, 1 channel
DWDM OADM.
MU (x2)
MU / MU
East/West (XX - Wavelength from
ITU Grid Table)
1.3
1.5
≥25
≥40
EM316DSADSxxyy*
Single Fiber, 1 channel
DWDM OADM.
MU (x2)
MU / MU
East/West (XXYY - Wavelength
from ITU Grid Table)
2.0
2.1
≥25
≥40
*See ITU Channel Table for xx and yy substitution values.
ITU Channel
(xx or yy)
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
Wavelength (nm)
ITU CHANNEL TABLE
ITU Channel
(xx or yy)
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
Wavelength (nm)


Similar Part No. - EM316DWMUX16BE

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM316DCM060 MRV-EM316DCM060 Datasheet
300Kb / 2P
   Chromatic Dispersion Compensation Modules
EM316DCM100 MRV-EM316DCM100 Datasheet
300Kb / 2P
   Chromatic Dispersion Compensation Modules
EM316DMR10G-3R MRV-EM316DMR10G-3R Datasheet
792Kb / 3P
   SFP Multi-Rate Dual Transponder
EM316DMR3G-3R MRV-EM316DMR3G-3R Datasheet
325Kb / 4P
   SFP Multi-Rate Dual Transponder
EM316DS3-M MRV-EM316DS3-M Datasheet
239Kb / 4P
   Copper to Fiber Media Converters
More results

Similar Description - EM316DWMUX16BE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RP164PJ122CS SAMSUNG-RP164PJ122CS Datasheet
4Mb / 20P
   Passive components sales offices
logo
AVX Corporation
ML03211R8PAT2A AVX-ML03211R8PAT2A Datasheet
127Kb / 1P
   Organic Passive Components Low ESR Microwave Capacitors
logo
Finisar Corporation.
FTR-1629-17 FINISAR-FTR-1629-17 Datasheet
149Kb / 10P
   DWDM GBIC Transceiver
FTR-1631-17 FINISAR-FTR-1631-17 Datasheet
87Kb / 10P
   DWDM GBIC Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
Emcore Corporation
MDM-7001D EMCORE-MDM-7001D Datasheet
60Kb / 1P
   DWDM Multiplexer/Demultiplexer
OTS-1LD EMCORE-OTS-1LD Datasheet
1,023Kb / 4P
   DWDM Wideband Optical Link
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGJERXX OPLINK-TPD1XGJERXX Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com