Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS47D Datasheet(PDF) 3 Page - Motorola, Inc

Part # SN74LS47D
Description  BCD TO 7-SEGMENT DECODER/DRIVER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS47D Datasheet(HTML) 3 Page - Motorola, Inc

  SN74LS47D Datasheet HTML 1Page - Motorola, Inc SN74LS47D Datasheet HTML 2Page - Motorola, Inc SN74LS47D Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5-58
FAST AND LS TTL DATA
SN54/74LS47
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
BI / RBO
54, 74
– 50
µA
IOL
Output Current — Low
BI / RBO
BI / RBO
54
74
1.6
3.2
mA
VO (off)
Off-State Output Voltage a to g
54, 74
15
V
IO (on)
On-State Output Current a to g
On-State Output Current a to g
54
74
12
24
mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Theshold Voltage
for All Inputs
VIL
Input LOW Voltage
54
0.7
V
Guaranteed Input LOW Threshold Voltage
for All Inputs
VIL
Input LOW Voltage
74
0.8
V
Guaranteed Input LOW Threshold Voltage
for All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage, BI / RBO
2.4
4.2
V
VCC = MIN, IOH = – 50 µA,
VIN = VIN or VIL per Truth Table
VOH
Output HIGH Voltage, BI / RBO
2.4
4.2
V
VCC = MIN, IOH = – 50 µA,
VIN = VIN or VIL per Truth Table
VOL
Output LOW Voltage
BI / RBO
54, 74
0.25
0.4
V
IOL = 1.6 mA
VCC = MIN, VIN = VIN or
VIL per Truth Table
VOL
Output LOW Voltage
BI / RBO
74
0.35
0.5
V
IOL = 3.2 mA
VCC = MIN, VIN = VIN or
VIL per Truth Table
IO (off)
Off-State Output Current
a thru g
250
µA
VCC = MAX, VIN = VIN or VIL per Truth
Table, VO (off) = 15 V
VO (on)
On-State Output Voltage
a thru g
54, 74
0.25
0.4
V
IO (on) = 12 mA
VCC = MAX, VIN = VIH
or VIL per Truth Table
VO (on)
On-State Output Voltage
a thru g
74
0.35
0.5
V
IO (on) = 24 mA
CC = MAX, VIN = VIH
or VIL per Truth Table
IIH
Input HIGH Current
20
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current BI / RBO
Any Input except BI / RBO
– 1.2
– 0.4
mA
VCC = MAX, VIN = 0.4 V
IOS BI / RBO
Output Short Circuit Current (Note 1)
– 0.3
–2.0
mA
VCC = MAX, VOUT = 0 V
ICC
Power Supply Current
7.0
13
mA
VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25°C)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPHL
tPLH
Propagation Delay, Address
Input to Segment Output
100
100
ns
ns
VCC = 5.0 V
CL = 15 pF
tPHL
tPLH
Propagation Delay, RBI Input
To Segment Output
100
100
ns
ns
VCC = 5.0 V
CL = 15 pF
AC WAVEFORMS
VIN
VOUT
1.3 V
1.3 V
1.3 V
1.3 V
tPHL
tPLH
Figure 1
Figure 2
1.3 V
1.3 V
1.3 V
1.3 V
tPLH
tPHL
VIN
VOUT


Similar Part No. - SN74LS47D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS47D ONSEMI-SN74LS47D Datasheet
132Kb / 8P
   BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
Texas Instruments
SN74LS47D TI-SN74LS47D Datasheet
583Kb / 14P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN74LS47D TI1-SN74LS47D Datasheet
1Mb / 26P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN74LS47DG4 TI1-SN74LS47DG4 Datasheet
1Mb / 26P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN74LS47DR TI1-SN74LS47DR Datasheet
583Kb / 14P
[Old version datasheet]   BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
More results

Similar Description - SN74LS47D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
54LS347 FAIRCHILD-54LS347 Datasheet
51Kb / 1P
   BCD TO 7-SEGMENT DECODER/DRIVER
logo
ON Semiconductor
SN74LS47 ONSEMI-SN74LS47 Datasheet
132Kb / 8P
   BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
National Semiconductor ...
54LS447 NSC-54LS447 Datasheet
67Kb / 3P
   BCD to 7-Segment Decoder/Driver
54LS347 NSC-54LS347 Datasheet
57Kb / 2P
   BCD TO 7-SEGMENT DECODER / DRIVER
54LS47 NSC-54LS47 Datasheet
121Kb / 5P
   BCD TO 7-SEGMENT DECODER/DRIVER
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
NXP Semiconductors
HEF4543B NXP-HEF4543B_09 Datasheet
107Kb / 16P
   BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
HEF4543B PHILIPS-HEF4543B_15 Datasheet
230Kb / 17P
   BCD to 7-segment latch/decoder/driver
Rev. 6-17 November 2011
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
   BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
   BCD TO 7 SEGMENT LATCH/DECODER DRIVER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com