Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R38311TL Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # R38311TL
Description  SMT MINI WIDEBAND TRANSFORMERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

R38311TL Datasheet(HTML) 1 Page - MPS Industries, Inc.

  R38311TL Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
R3838 SERIES
• Ideal for wideband and RF instrumentation applications
• Can be used for Impedance Matching, Signal Isolation and Bal-
ance to Unbalanced conversion
• 3.8mm square, 5.0mm high
• Operating Temperature: -40°C to +85°C
• RoHS Compliant Product
• Custom Design Available
ELECTRICAL PARAMETERS @ 25°C
Part Number
R3838-
Impedance
Ratio
(Sec/Pri ±10%)
Bandwidth
Typ
(MHz)
Insertion Loss
(dB Typ)
Primary OCL
(μH MIN)
4-6
Pri DCR
(Ω MAX)
4-6
Sec OCL
(µH MIN)
1-3
Sec DCR
(Ω MAX)
1-3
Schematic
1-1L
1:1
4-600
0.40
10.0
0.120
10.0
0.120
A
1-1TL
1:1
3.5-750
0.58
11.0
0.075
11.0
0.075
B
2-1TL
1:2
4-500
0.50
10.0
0.120
20.0
0.150
B
3-1TL
1:3
4-900
0.60
9.0
0.100
27.0
0.150
B
4-1TL
1:4
3.2-750
1.00
12.0
0.055
48.0
0.120
B
4-14TL
1:4
16-1200
2.00
2.0
0.050
8.0
0.100
B
4-1WL
1:4
6.5-1000
0.90
5.0
0.060
20.0
0.120
B
4-6TL
1:4
4.5-700
0.30
9.0
0.120
36.0
0.200
B
8-1L
1:8
1.5-600
0.60
22.0
0.080
176.0
0.310
B
9-1L
1:9
4.5-500
0.54
9.0
0.060
81.0
0.230
B
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
SMT MINI WIDEBAND
TRANSFORMERS
DIMENSIONS (mm)
SCHEMATICS
Figure A
Figure B
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10


Similar Part No. - R38311TL

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
R38351BOL OKAYA-R38351BOL Datasheet
101Kb / 1P
   SURGE PROTECTIVE DEVICES
More results

Similar Description - R38311TL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WBC1-1L COILCRAFT-WBC1-1L Datasheet
286Kb / 3P
   SMT Mini Wideband Transformers
WBC1-1LC COILCRAFT-WBC1-1LC_15 Datasheet
407Kb / 5P
   Mini Wideband Transformers
JA4220 COILCRAFT-JA4220_15 Datasheet
367Kb / 2P
   SMT Mini Wideband Transformer
WB2010-1-SMLB COILCRAFT-WB2010-1-SMLB Datasheet
212Kb / 5P
   Wideband Transformers
WB1-1SL COILCRAFT-WB1-1SL Datasheet
270Kb / 2P
   Wideband Transformers
PFD2015_WIDEBAND COILCRAFT-PFD2015_WIDEBAND_15 Datasheet
533Kb / 2P
   Wideband Transformers
WBC16-1TLC COILCRAFT-WBC16-1TLC Datasheet
246Kb / 5P
   Wideband Transformers
WBC1-1TLB COILCRAFT-WBC1-1TLB Datasheet
212Kb / 5P
   Wideband Transformers
WB1-1SLD COILCRAFT-WB1-1SLD_15 Datasheet
616Kb / 5P
   Wideband Transformers
logo
XFMRS Inc.
XFWB0976-DO XFMRS-XFWB0976-DO Datasheet
43Kb / 1P
   RF WIDEBAND TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com