Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R36474D Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # R36474D
Description  BALUN TRANSFORMERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

R36474D Datasheet(HTML) 1 Page - MPS Industries, Inc.

  R36474D Datasheet HTML 1Page - MPS Industries, Inc. R36474D Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
R3647 SERIES
• Ideal for CATV, SET Top Box,Cable Modem and Multimedia over
Coax Alliance applications
• Types include Double Balance Mixer, Frequency Mixer, Transmis-
sion Line and Directional Coupler
• Operating Temperature: -40°C to +85°C
• RoHS Compliant Product
• Custom Design Available
ELECTRICAL PARAMETERS @ 25°C
Part Number
R3647-
Turns
Frequency
Response Rate
(MHz)
Insertion Loss
(dB MAX)
Schematic
DoubleBalancedMixer(50Ω:200Ω)(6-4:1-3)
3A
3
15-1000
3
A
4A
4
10-800
3
A
5A
5
6-600
3
A
6A
6
1-400
3
A
FrequencyMixer(50Ω:200Ω)(6-4:1-2-3)
2B
2:4CT
10-300
3
B
3B
3:6CT
6-480
3
B
4B
4:8CT
3-400
3
B
5B
5:10CT
0.5-300
3
B
Transmission Line
2C
15-2400
3
C
3C
10-1800
3
C
4C
7.5-1500
3
C
5C
1.0-1400
3
C
Splitter/Directional Coupler
3D
3
45-1500
in-out1, 2dB
in-out2, 10dB
D
4D
4
8-1200
in-out1, 1.5dB
in-out2, 14dB
D
5D
5
5-1100
in-out1, 1.2dB
in-out2,16dB
D
10D
10
1-1000
in-out1, 1.5dB
in-out2, 19dB
D
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
BALUN TRANSFORMERS


Similar Part No. - R36474D

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
R3640 MICROSEMI-R3640 Datasheet
115Kb / 3P
   Silicon Power Rectifier
logo
Okaya Electric America,...
R36421BPL OKAYA-R36421BPL Datasheet
94Kb / 1P
   SURGE PROTECTIVE DEVICES
More results

Similar Description - R36474D

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
R36560 MPSIND-R36560 Datasheet
611Kb / 2P
   BALUN TRANSFORMERS
logo
TDK Electronics
ATB2012-75011 TDK-ATB2012-75011 Datasheet
168Kb / 13P
   Balun Transformers
logo
Pulse A Technitrol Comp...
CX2142NL PULSE-CX2142NL Datasheet
178Kb / 2P
   BALUN TRANSFORMERS
logo
TOKO, Inc
B5FL TOKO-B5FL Datasheet
149Kb / 1P
   Balun Transformers
616DB-1191 TOKO-616DB-1191 Datasheet
178Kb / 1P
   Balun Transformers
logo
XFMRS Inc.
XFWB1194 XFMRS-XFWB1194 Datasheet
37Kb / 1P
   BALUN TRANSFORMERS
logo
TOKO, Inc
B4F TOKO-B4F Datasheet
194Kb / 2P
   Balun Transformers
617DB-1653 TOKO-617DB-1653 Datasheet
290Kb / 2P
   Balun Transformers
logo
Anaren Microwave
3A625 ANAREN-3A625 Datasheet
88Kb / 2P
   Balun Transformers
logo
TDK Electronics
HHM1733B1 TDK-HHM1733B1 Datasheet
85Kb / 8P
   Multilayer Balun Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com