Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6062IM Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6062IM
Description  LMC6062 Precision CMOS Dual Micropower Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6062IM Datasheet(HTML) 2 Page - Texas Instruments

  LMC6062IM Datasheet HTML 1Page - Texas Instruments LMC6062IM Datasheet HTML 2Page - Texas Instruments LMC6062IM Datasheet HTML 3Page - Texas Instruments LMC6062IM Datasheet HTML 4Page - Texas Instruments LMC6062IM Datasheet HTML 5Page - Texas Instruments LMC6062IM Datasheet HTML 6Page - Texas Instruments LMC6062IM Datasheet HTML 7Page - Texas Instruments LMC6062IM Datasheet HTML 8Page - Texas Instruments LMC6062IM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LMC6062
SNOS631D – NOVEMBER 1994 – REVISED MARCH 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Absolute Maximum Ratings
(1) (2)
Differential Input Voltage
±Supply Voltage
Voltage at Input/Output Pin
(V+) +0.3V,
(V)
−0.3V
Supply Voltage (V+
− V)
16V
Output Short Circuit to V+
See (3)
Output Short Circuit to V
See (4)
Lead Temperature (Soldering, 10 sec.)
260°C
Storage Temp. Range
−65°C to +150°C
Junction Temperature
150°C
ESD Tolerance (5)
2 kV
Current at Input Pin
±10 mA
Current at Output Pin
±30 mA
Current at Power Supply Pin
40 mA
Power Dissipation
See (6)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications
(3)
Do not connect output to V+, when V+ is greater than 13V or reliability witll be adversely affected.
(4)
Applies to both single-supply and split-supply operation. Continuos short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of ±30 mA over long term may adversely
affect reliability.
(5)
Human body model, 1.5 k
Ω in series with 100 pF.
(6)
The maximum power dissipation is a function of TJ(Max), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(Max) − TA)/θJA.
Operating Ratings
(1)
Temperature Range
LMC6062AM
−55°C ≤ TJ ≤ +125°C
LMC6062AI, LMC6082I
−40°C ≤ TJ ≤ +85°C
Supply Voltage
4.5V
≤ V+ ≤ 15.5V
Thermal Resistance (
θJA)
(2)
8-Pin PDIP
115°C/W
8-Pin SOIC
193°C/W
Power Dissipation
See (3)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
(2)
All numbers apply for packages soldered directly into a PC board.
(3)
For operating at elevated temperatures the device must be derated based on the thermal resistance
θJA with PD = (TJ–TA)/θJA.
DC Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 5V, V=
0V, VCM = 1.5V, VO = 2.5V and RL > 1M unless otherwise specified.
LMC6062AM
LMC6062AI
LMC6062I
Symbol
Parameter
Conditions
Typ(2)
Units
Limit(3)
Limit(3)
Limit(3)
VOS
Input Offset Voltage
100
350
350
800
μV
1200
900
1300
Max
(1)
For ensured Military Temperature Range parameters, see RETSMC6062X.
(2)
Typical values represent the most likely parametric norm.
(3)
All limits are ensured by testing or statistical analysis.
2
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LMC6062


Similar Part No. - LMC6062IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6062IM NSC-LMC6062IM Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6062IM TI-LMC6062IM Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062IM TI1-LMC6062IM Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6062IM NSC-LMC6062IM Datasheet
1Mb / 21P
   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6062IM TI1-LMC6062IM Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
More results

Similar Description - LMC6062IM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6062IM-NOPB TI1-LMC6062IM-NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
LMC6062 TI1-LMC6062 Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6062 NSC-LMC6062_14 Datasheet
1Mb / 21P
   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6062AIMX TI-LMC6062AIMX Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2736A ALD-ALD2736A Datasheet
92Kb / 9P
   PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. B
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com