Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HL01U05S12 Datasheet(PDF) 1 Page - C&D Technologies

Part # HL01U05S12
Description  1 WATT UNREGULATED DC/DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HL01U05S12 Datasheet(HTML) 1 Page - C&D Technologies

  HL01U05S12 Datasheet HTML 1Page - C&D Technologies HL01U05S12 Datasheet HTML 2Page - C&D Technologies HL01U05S12 Datasheet HTML 3Page - C&D Technologies HL01U05S12 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HL01UrevD,10/97
Page 1
G
G
G
G
G HIGH EFFICIENCY
G
G
G
G
G NON-CONDUCTIVE CASE
G
G
G
G
G SURFACE MOUNT PACKAGE (SMD)
ORDERING INFORMATION
Device Family
HL Indicates DC/DC Converter
Model Number
Where:
xx = Input Voltage
y = Number or Outputs (Single "S", Dual "D")
zz = Output Voltage
Package Option
Screening Option
DIP Package only
HL01U xxyzz Y/Z /H
HL01U xxyzz Y/Z /H
HL01U xxyzz Y/Z /H
HL01U xxyzz Y/Z /H
HL01U xxyzz Y/Z /H
ABSOLUTE MAXIMUM RATINGS
Internal Power Dissipation..................................................................30 Sec
Short Circuit Duration..................................................................Momentary
Lead Temperature (soldering, 10 seconds max)..............................+300°C*
DESCRIPTION
The HL01U Series offers an extensive selection of input
and output voltages to choose from. These miniature,
unregulated DC/DC converters come in 24-pin DIP and
SMD packages. This small size is possible through the use
of surface mount manufacturing technologies.
The HL01U Series utilizes a 125KHz push-pull oscillator
in the input stage with internal filtering to reduce the
output noise.
The use of surface mount construction and automated
manufacturing processes increase consistency and reli-
ability while reducing overall cost.
* Note: Refer to Reflow Profile for SMD Models.
FEATURES
G
G
G
G
G LOW COST
G
G
G
G
G INTERNAL FILTERING
G
G
G
G
G SURFACE MOUNT CONSTRUCTION
G
G
G
G
G TEMPERATURE RANGE: -25°C TO +70°C
Product Data Sheet
1 WATT UNREGULATED
DC/DC CONVERTER
HL01U
Internet: http://www.cdpowerelectronics.com
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Phone: 800.547.2537
Fax: 520.770.9369
Power Electronics Division, Europe
C&D Technologies (Power Electronics) Ltd.
132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland
Tel: +353.61.474.133
Fax:+353.61.474.141


Similar Part No. - HL01U05S12

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
HL01U05S12 MURATA-PS-HL01U05S12 Datasheet
99Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
More results

Similar Description - HL01U05S12

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTER
logo
C&D Technologies
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
   1.8 WATT UNREGULATED DC/DC CONVERTER
PWR1546A CANDD-PWR1546A Datasheet
241Kb / 4P
   5 WATT UNREGULATED DC/DC CONVERTER
PWR13XX CANDD-PWR13XX Datasheet
338Kb / 4P
   1.5 WATT UNREGULATED DC/DC CONVERTER
PWR70XX CANDD-PWR70XX Datasheet
121Kb / 4P
   5 WATT UNREGULATED DC/DC CONVERTER
HL02U CANDD-HL02U Datasheet
53Kb / 4P
   2 WATT UNREGULATED DC/DC CONVERTER
PWR1726A CANDD-PWR1726A Datasheet
338Kb / 4P
   1.5 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HB01UYC MURATA-PS-HB01UYC Datasheet
115Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
HB01UZC MURATA-PS-HB01UZC Datasheet
118Kb / 4P
   1 Watt Unregulated DC/DC Converters
logo
C&D Technologies
HB01U CANDD-HB01U Datasheet
101Kb / 4P
   1 WATT UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com