Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-P544-A29-PM Datasheet(PDF) 5 Page - Vincotech

Part # V23990-P544-A29-PM
Description  Industrial drives Embedded drives
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P544-A29-PM Datasheet(HTML) 5 Page - Vincotech

  V23990-P544-A29-PM Datasheet HTML 1Page - Vincotech V23990-P544-A29-PM Datasheet HTML 2Page - Vincotech V23990-P544-A29-PM Datasheet HTML 3Page - Vincotech V23990-P544-A29-PM Datasheet HTML 4Page - Vincotech V23990-P544-A29-PM Datasheet HTML 5Page - Vincotech V23990-P544-A29-PM Datasheet HTML 6Page - Vincotech V23990-P544-A29-PM Datasheet HTML 7Page - Vincotech V23990-P544-A29-PM Datasheet HTML 8Page - Vincotech V23990-P544-A29-PM Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
V23990-P544-*2*-PM
Figure 1
Output inverter IGBT
Figure 2
Output inverter IGBT
Typical output characteristics
IC = f(VCE)
IC = f(VCE)
At
At
tp =
250
µ
s
tp =
250
µ
s
Tj =
25
°C
Tj =
125
°C
VGE from
7 V to 17 V in steps of 1 V
VGE from
7 V to 17 V in steps of 1 V
Figure 3
Output inverter IGBT
Figure 4
Output inverter FWD
Typical transfer characteristics
Typical diode forward current as
IC = f(VGE)
a function of forward voltage
IF = f(VF)
At
At
tp =
250
µ
s
tp =
250
µ
s
VCE =
10
V
Output Inverter
Typical output characteristics
0
10
20
30
40
50
0
1
2
3
4
5
V CE (V)
0
3
6
9
12
15
18
0
2
4
6
8
10
12
V GE (V)
Tj = 25°C
Tj = Tjmax-25°C
0
10
20
30
40
50
60
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
V F (V)
Tj = 25°C
Tj = Tjmax-25°C
0
10
20
30
40
50
60
0
1
2
3
4
5
V CE (V)
copyright Vincotech
5
Revision: 4


Similar Part No. - V23990-P544-A29-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P544-A38-PM VINCOTECH-V23990-P544-A38-PM Datasheet
845Kb / 23P
   Industrial drives
V23990-P544-A39-PM VINCOTECH-V23990-P544-A39-PM Datasheet
845Kb / 23P
   Industrial drives
More results

Similar Description - V23990-P544-A29-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P543-X3X-D4-14 VINCOTECH-V23990-P543-X3X-D4-14 Datasheet
788Kb / 23P
   Industrial drives Embedded drives
V23990-P541-X2X-D4-14 VINCOTECH-V23990-P541-X2X-D4-14 Datasheet
977Kb / 23P
   Industrial drives Embedded drives
V23990-P543-X2X-D4-14 VINCOTECH-V23990-P543-X2X-D4-14 Datasheet
922Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X2X-D4-14 VINCOTECH-V23990-P545-X2X-D4-14 Datasheet
880Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X3X-D4-14 VINCOTECH-V23990-P545-X3X-D4-14 Datasheet
898Kb / 23P
   Industrial drives Embedded drives
V23990-P546-X2X-D5-14 VINCOTECH-V23990-P546-X2X-D5-14 Datasheet
811Kb / 23P
   Industrial drives Embedded drives
V23990-P588-X88-D1-14 VINCOTECH-V23990-P588-X88-D1-14 Datasheet
1Mb / 23P
   Industrial drives embedded drives
V23990-P589-X4X-D2-14 VINCOTECH-V23990-P589-X4X-D2-14 Datasheet
1Mb / 23P
   Industrial drives Embedded Drives
V23990-P541-X3X-D4-14 VINCOTECH-V23990-P541-X3X-D4-14 Datasheet
770Kb / 23P
   Industrial drives Embedded drives
V23990-P587-X2X-D2-14 VINCOTECH-V23990-P587-X2X-D2-14 Datasheet
1Mb / 23P
   Industrial drives Embedded drives
V23990-P585-X2X-D2-14 VINCOTECH-V23990-P585-X2X-D2-14 Datasheet
1Mb / 24P
   Industrial drives Embedded drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com