Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-P545-C39-PM Datasheet(PDF) 2 Page - Vincotech

Part # V23990-P545-C39-PM
Description  Industrial drives Embedded drives
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P545-C39-PM Datasheet(HTML) 2 Page - Vincotech

  V23990-P545-C39-PM Datasheet HTML 1Page - Vincotech V23990-P545-C39-PM Datasheet HTML 2Page - Vincotech V23990-P545-C39-PM Datasheet HTML 3Page - Vincotech V23990-P545-C39-PM Datasheet HTML 4Page - Vincotech V23990-P545-C39-PM Datasheet HTML 5Page - Vincotech V23990-P545-C39-PM Datasheet HTML 6Page - Vincotech V23990-P545-C39-PM Datasheet HTML 7Page - Vincotech V23990-P545-C39-PM Datasheet HTML 8Page - Vincotech V23990-P545-C39-PM Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
V23990-P545-*3*-PM
Tj=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Maximum Ratings
Condition
Inverter Diode
Th=80°C
27
Tc=80°C
35
Th=80°C
36
Tc=80°C
55
Brake Transistor
Th=80°C
17
Tc=80°C
22
Th=80°C
37
Tc=80°C
56
tSC
Tj≤150°C
6
µs
VCC
VGE=15V
360
V
Brake Diode
Th=80°C
16
Tc=80°C
21
Th=80°C
28
Tc=80°C
43
Thermal Properties
Insulation Properties
Vis
t=2s
DC voltage
4000
V
min 12,7
mm
min 12,7
mm
CTI
>200
°C
175
±20
Tj=Tjmax
600
600
IF
VRRM
A
V
V
IFRM
Tjmax
Ptot
Maximum Junction Temperature
Short circuit ratings
Tjmax
Turn off safe operating area
Ptot
Power dissipation per IGBT
Gate-emitter peak voltage
A
45
A
45
V
DC collector current
VCE
W
tp limited by Tjmax
Tj=Tjmax
VCE ≤ 600V, Tj ≤ Top max
Collector-emitter break down voltage
Repetitive peak collector current
Repetitive peak forward current
Power dissipation per Diode
Maximum Junction Temperature
Peak Repetitive Reverse Voltage
DC forward current
IF
175
ICpuls
IC
Repetitive peak forward current
VGE
Peak Repetitive Reverse Voltage
IFRM
VRRM
W
°C
V
600
°C
Tj=Tjmax
A
A
Maximum Junction Temperature
Tjmax
175
Tj=Tjmax
tp limited by Tjmax
DC forward current
W
A
A
tp limited by Tjmax
30
Tj=Tjmax
Power dissipation per Diode
Ptot
Tj=Tjmax
°C
Storage temperature
Tstg
-40…+125
°C
-40…+(Tjmax - 25)
Comparative tracking index
Insulation voltage
Creepage distance
Top
Operation temperature under switching condition
Clearance
40
copyright Vincotech
2
Revision: 4.


Similar Part No. - V23990-P545-C39-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P545-C28-PMw/oBRC VINCOTECH-V23990-P545-C28-PMw/oBRC Datasheet
880Kb / 23P
   Industrial drives Embedded drives
V23990-P545-C29-PMw/oBRC VINCOTECH-V23990-P545-C29-PMw/oBRC Datasheet
880Kb / 23P
   Industrial drives Embedded drives
More results

Similar Description - V23990-P545-C39-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P543-X3X-D4-14 VINCOTECH-V23990-P543-X3X-D4-14 Datasheet
788Kb / 23P
   Industrial drives Embedded drives
V23990-P541-X2X-D4-14 VINCOTECH-V23990-P541-X2X-D4-14 Datasheet
977Kb / 23P
   Industrial drives Embedded drives
V23990-P543-X2X-D4-14 VINCOTECH-V23990-P543-X2X-D4-14 Datasheet
922Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X2X-D4-14 VINCOTECH-V23990-P545-X2X-D4-14 Datasheet
880Kb / 23P
   Industrial drives Embedded drives
V23990-P546-X2X-D5-14 VINCOTECH-V23990-P546-X2X-D5-14 Datasheet
811Kb / 23P
   Industrial drives Embedded drives
V23990-P588-X88-D1-14 VINCOTECH-V23990-P588-X88-D1-14 Datasheet
1Mb / 23P
   Industrial drives embedded drives
V23990-P589-X4X-D2-14 VINCOTECH-V23990-P589-X4X-D2-14 Datasheet
1Mb / 23P
   Industrial drives Embedded Drives
V23990-P541-X3X-D4-14 VINCOTECH-V23990-P541-X3X-D4-14 Datasheet
770Kb / 23P
   Industrial drives Embedded drives
V23990-P587-X2X-D2-14 VINCOTECH-V23990-P587-X2X-D2-14 Datasheet
1Mb / 23P
   Industrial drives Embedded drives
V23990-P585-X2X-D2-14 VINCOTECH-V23990-P585-X2X-D2-14 Datasheet
1Mb / 24P
   Industrial drives Embedded drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com