Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPU130111 Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # SPU130111
Description  SPU130 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

SPU130111 Datasheet(HTML) 2 Page - MPS Industries, Inc.

  SPU130111 Datasheet HTML 1Page - MPS Industries, Inc. SPU130111 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPU130 SERIES
Safety Specifications:
Mechanical Specifications :
Output Voltage And Current Rating Chart ( Single Output ) :
Model Number
Output Voltage
Output Current
Total Regulation
Maximum
Output Power
SPU130-101
03 ~ 05 VDC
30.00 ~ 18.00 A
7%
90W
SPU130-102
05 ~ 06 VDC
23.00 ~ 19.16 A
7%
115W
SPU130-103
06 ~ 08 VDC
21.60 ~ 16.25 A
7%
130W
SPU130-104
08 ~ 11 VDC
16.25 ~ 11.80 A
5%
130W
SPU130-105
11 ~ 13 VDC
11.80 ~ 10.00 A
5%
130W
SPU130-106
13 ~ 16 VDC
10.00 ~ 08.12 A
5%
130W
SPU130-107
16 ~ 21 VDC
08.12 ~ 06.19 A
5%
130W
SPU130-108
21 ~ 27 VDC
06.19 ~ 04.81 A
5%
130W
SPU130-109
27 ~ 33 VDC
04.81 ~ 03.93 A
5%
130W
SPU130-110
33 ~ 40 VDC
03.93 ~ 03.25 A
3%
130W
SPU130-111
40 ~ 50 VDC
03.25 ~ 02.60 A
3%
130W
SPU130-112
50 ~ 55 VDC
02.60 ~ 02.36 A
3%
130W
Output #1
Output #2
Model
Number
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
Maximum
Output Power
SPU130-200
+3.3V
4A
20A
10%
+12V
0A
2A
5%
90W
SPU130-201
+5V
4A
20A
5%
+12V
0A
2A
5%
120W
SPU130-201-1
+5V
2A
10A
5%
+12V
1A
5A
10%
110W
SPU130-202
+5V
4A
20A
5%
+15V
0A
2A
5%
120W
SPU130-203
+5V
4A
20A
5%
+24V
0A
2A
5%
120W
Output Voltage And Current Rating Chart ( Multi Output ) :
Note:
1. Dimensions are shown in mm.
2. Weight: 860gs approx.
3. Optional output connector:
See page Appendix.
4. Option : Mounting Tab and Desk Top
Mark "
" means " PSE approval "
Model -106 has PSE approval which is below 15V
Parameter
Te s t Conditions
Min. Typ. Max.
Unit
Dielectric Withstanding Voltage
for Primary to secondary
Primary to secondary
4242
VDC
Primary to ground
2121
Test Voltage=500VDC
50
M
Vin=220VAC
B
CLASS
Sym.
Vps
Vpg
Ri
CISPR
FCC
Isolation Resistance
EMI requirements for CISPR-22
Vin=110VAC
VDC
B
CLASS
Dielectric Withstanding Voltage
for Primary to Ground
EMI requirements for FCC PART-15
130W Desk Top (or Mounting Tab) Switching Power Supplies For I.T.E. ( PFC )


Similar Part No. - SPU130111

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU130 ASTRODYNE-SPU130 Datasheet
571Kb / 3P
   130 Watt Desktop Switching Power Adapters
SPU130-101 ASTRODYNE-SPU130-101 Datasheet
571Kb / 3P
   130 Watt Desktop Switching Power Adapters
logo
Volgen Kaga Electronics...
SPU130-101 VOLGEN-SPU130-101 Datasheet
329Kb / 2P
   130W Desk Top Switching Power Supplies For I.T.E.
logo
Astrodyne Corporation
SPU130-101M ASTRODYNE-SPU130-101M Datasheet
571Kb / 3P
   130 Watt Desktop Switching Power Adapters
SPU130-102 ASTRODYNE-SPU130-102 Datasheet
571Kb / 3P
   130 Watt Desktop Switching Power Adapters
More results

Similar Description - SPU130111

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com