Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8900TLE-AAEC Datasheet(PDF) 5 Page - Texas Instruments

Part # LP8900TLE-AAEC
Description  LP8900 Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8900TLE-AAEC Datasheet(HTML) 5 Page - Texas Instruments

  LP8900TLE-AAEC Datasheet HTML 1Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 2Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 3Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 4Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 5Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 6Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 7Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 8Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LP8900
www.ti.com
SNVS542C – MAY 2008 – REVISED JULY 2013
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise noted, VEN =1.2V, VIN = VOUT + 0.5V, or 1.8V, whichever is higher , where VOUT is the higher of VOUT1 and
VOUT2. CIN = COUT = 1µF, IOUT = 1.0mA .
Typical values and limits appearing in normal type apply for TA = 25°C. Limits appearing in boldface type apply over the full
junction temperature range for operation,
−40 to +125°C.
(1)
Limit
Symbol
Parameter
Conditions
Typ
Units
Min
Max
Transient
Load Transient Response |
δVOUT|
Trise = Tfall = 1µs
IOUT = 1 mA to
80
Response
200mA
mV
IOUT = 200mA to
70
1mA
Overshoot on Start-up
0
1
%
RECOMMENDED CAPACITOR SPECIFICATIONS
Limit
Symbol
Parameter
Conditions
Typ
Units
Min
Max
CIN
Input Capacitor
1.0
0.33
10
µF
Capacitance (1)
1.0
0.33
4.7
COUT
Output Capacitor
ESR
5
500
m
(1)
The capacitor tolerance should be 30% or better over temperature. The full operating conditions for the application should be considered
when selecting a suitable capacitor to ensure that the minimum value of capacitance is always met. Recommended capacitor type is
X7R or X5R. (See capacitor section in Application Hints)
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP8900


Similar Part No. - LP8900TLE-AAEC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8900TLE-AAEC/NOPB TI1-LP8900TLE-AAEC/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   LP8900 200-mA Ultra-Low-Noise Dual LDO For RF and Analog Circuits
More results

Similar Description - LP8900TLE-AAEC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8900 NSC-LP8900 Datasheet
351Kb / 14P
   Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
logo
Texas Instruments
LP8900 TI-LP8900_15 Datasheet
1Mb / 23P
[Old version datasheet]   LP8900 Ultra-Low-Noise, Dual 200-mA Linear Regulator For RF and Analog Circuits
LP8900 TI1-LP8900 Datasheet
1Mb / 23P
[Old version datasheet]   LP8900 200-mA Ultra-Low-Noise Dual LDO For RF and Analog Circuits
logo
Monolithic Power System...
MP20249 MPS-MP20249 Datasheet
352Kb / 12P
   Dual, Ultra-Low Noise, High PSRR 200mA Linear Regulator
logo
Texas Instruments
LP5907_1212 TI1-LP5907_1212 Datasheet
1Mb / 21P
[Old version datasheet]   ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
logo
Will Semiconductor Ltd.
WL2863D WILLSEMI-WL2863D Datasheet
823Kb / 10P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
WL2863E WILLSEMI-WL2863E Datasheet
900Kb / 13P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
logo
Monolithic Power System...
MP2004 MPS-MP2004 Datasheet
353Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042 MPS-MP20042 Datasheet
239Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
logo
Analog Devices
LT3046 AD-LT3046 Datasheet
1Mb / 47P
   20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com