Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-P580-C41-PM Datasheet(PDF) 4 Page - Vincotech

Part # V23990-P580-C41-PM
Description  Industrial drives Embedded drives
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P580-C41-PM Datasheet(HTML) 4 Page - Vincotech

  V23990-P580-C41-PM Datasheet HTML 1Page - Vincotech V23990-P580-C41-PM Datasheet HTML 2Page - Vincotech V23990-P580-C41-PM Datasheet HTML 3Page - Vincotech V23990-P580-C41-PM Datasheet HTML 4Page - Vincotech V23990-P580-C41-PM Datasheet HTML 5Page - Vincotech V23990-P580-C41-PM Datasheet HTML 6Page - Vincotech V23990-P580-C41-PM Datasheet HTML 7Page - Vincotech V23990-P580-C41-PM Datasheet HTML 8Page - Vincotech V23990-P580-C41-PM Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
V23990-P580-*4*-PM
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Value
Conditions
Characteristic Values
Tj=25°C
5
5,8
6,5
Tj=125°C
Tj=25°C
1,6
1,86
2,2
Tj=125°C
2,31
Tj=25°C
0,005
Tj=125°C
Tj=25°C
200
Tj=125°C
-
Tj=25°C
127
Tj=125°C
129
Tj=25°C
36
Tj=125°C
42
Tj=25°C
232
Tj=125°C
276
Tj=25°C
74
Tj=125°C
112
Tj=25°C
1,81
Tj=125°C
2,42
Tj=25°C
1,37
Tj=125°C
2,19
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness≤50um
λ = 1 W/mK
1,53
K/W
Tj=25°C
1,35
1,85
2,05
Tj=125°C
1,76
Tj=25°C
2,7
Tj=125°C
Tj=25°C
10
Tj=125°C
12
Tj=25°C
396
Tj=125°C
624
Tj=25°C
1,55
Tj=125°C
3,03
di(rec)max
Tj=25°C
36
/dt
Tj=125°C
32
Tj=25°C
0,63
Tj=125°C
1,30
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness≤50um
λ = 1 W/mK
3,28
K/W
B
Vincotech NTC Reference
B-value
3950
K
B(25/100)
T=25°C
3998
K
T=25°C
B-value
B(25/50)
Tol. ±3%
V
V
µA
ns
A/µs
A
mWs
µC
V
22000
5
-5
%
Tj=25°C
Tj=25°C
2
200
120
85
Collector-emitter cut-off incl diode
Gate emitter threshold voltage
25
0,00085
Gate-emitter leakage current
ICES
VGE(th)
VCE(sat)
Collector-emitter saturation voltage
Gate charge
Input capacitance
QGate
Reverse transfer capacitance
Eoff
Turn-on energy loss per pulse
Rgint
Turn-off energy loss per pulse
Rise time
Turn-on delay time
tf
Fall time
td(on)
tr
Turn-off delay time
td(off)
Peak rate of fall of recovery current
Peak reverse recovery current
Reverse recovered charge
Coss
Eon
Output capacitance
Crss
Cies
Integrated Gate resistor
nC
Brake Transistor
mW/K
Power dissipation
P
mW
Rated resistance
R
Power dissipation constant
Deviation of R25
∆R/R
IGES
0
15
±15
960
Rgon=32
Rgoff=32
VCE=VGE
f=1MHz
0
15
0
25
20
mA
nA
ns
pF
mWs
VF
Ir
IRRM
Diode forward voltage
Reverse leakage current
±15
Brake Diode
Reverse recovery energy
trr
Qrr
Erec
Reverse recovery time
Thermistor
Rgon=32
Rgon=32
25
600
25
10
1200
1200
1200
25
T=25°C
T=25°C
T=25°C
T=25°C
115
1430
copyright Vincotech
4
Revision: 2


Similar Part No. - V23990-P580-C41-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P580-C-PM VINCOTECH-V23990-P580-C-PM Datasheet
202Kb / 4P
   Standard Power Integrated Module
More results

Similar Description - V23990-P580-C41-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P543-X3X-D4-14 VINCOTECH-V23990-P543-X3X-D4-14 Datasheet
788Kb / 23P
   Industrial drives Embedded drives
V23990-P541-X2X-D4-14 VINCOTECH-V23990-P541-X2X-D4-14 Datasheet
977Kb / 23P
   Industrial drives Embedded drives
V23990-P543-X2X-D4-14 VINCOTECH-V23990-P543-X2X-D4-14 Datasheet
922Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X2X-D4-14 VINCOTECH-V23990-P545-X2X-D4-14 Datasheet
880Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X3X-D4-14 VINCOTECH-V23990-P545-X3X-D4-14 Datasheet
898Kb / 23P
   Industrial drives Embedded drives
V23990-P546-X2X-D5-14 VINCOTECH-V23990-P546-X2X-D5-14 Datasheet
811Kb / 23P
   Industrial drives Embedded drives
V23990-P588-X88-D1-14 VINCOTECH-V23990-P588-X88-D1-14 Datasheet
1Mb / 23P
   Industrial drives embedded drives
V23990-P589-X4X-D2-14 VINCOTECH-V23990-P589-X4X-D2-14 Datasheet
1Mb / 23P
   Industrial drives Embedded Drives
V23990-P541-X3X-D4-14 VINCOTECH-V23990-P541-X3X-D4-14 Datasheet
770Kb / 23P
   Industrial drives Embedded drives
V23990-P587-X2X-D2-14 VINCOTECH-V23990-P587-X2X-D2-14 Datasheet
1Mb / 23P
   Industrial drives Embedded drives
V23990-P585-X2X-D2-14 VINCOTECH-V23990-P585-X2X-D2-14 Datasheet
1Mb / 24P
   Industrial drives Embedded drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com