Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7683 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7683
Description  Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7683 Datasheet(HTML) 5 Page - Analog Devices

  AD7683 Datasheet HTML 1Page - Analog Devices AD7683 Datasheet HTML 2Page - Analog Devices AD7683 Datasheet HTML 3Page - Analog Devices AD7683 Datasheet HTML 4Page - Analog Devices AD7683 Datasheet HTML 5Page - Analog Devices AD7683 Datasheet HTML 6Page - Analog Devices AD7683 Datasheet HTML 7Page - Analog Devices AD7683 Datasheet HTML 8Page - Analog Devices AD7683 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AD7903
Data Sheet
Rev. A | Page 4 of 28
VDD = 2.5 V, VIO = 2.3 V to 5.5 V, TA = −40°C to +125°C, unless otherwise noted.1
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
REFERENCE
Voltage Range
2.4
5.1
V
Load Current
1 MSPS, VREF = 5 V, each ADC
330
µA
SAMPLING DYNAMICS
−3 dB Input Bandwidth
10
MHz
Aperture Delay
VDD = 2.5 V
2.0
ns
Aperture Delay Match
VDD = 2.5 V
2.0
ns
DIGITAL INPUTS
Logic Levels
VIL
VIO > 3 V
−0.3
+0.3 × VIO
V
VIO ≤ 3 V
−0.3
+0.1 × VVIO
V
VIH
VIO > 3 V
0.7 × VIO
VIO + 0.3
V
VIO ≤ 3 V
0.9 × VIO
VIO + 0.3
V
IIL
−1
+1
µA
IIH
−1
+1
µA
DIGITAL OUTPUTS
Data Format
Twos complement
Bits
Pipeline Delay
No delay; conversion results available
immediately after conversion is complete
0
Samples
VOL
ISINK = +500 µA
0.4
V
VOH
ISOURCE = −500 µA
VIO − 0.3
V
POWER SUPPLIES
VDDx
2.375
2.5
2.625
V
VIOx
Specified performance
2.3
5.5
V
VIOx Range
Full Range
1.8
5.5
V
IVDDx
Each ADC
1.4
1.6
mA
IVIOx
Each ADC
0.2
0.45
mA
Standby Current2, 3
VDD and VIO = 2.5 V, 25°C
0.35
nA
Power Dissipation
10 kSPS throughput
140
µW
1 MSPS throughput
12.0
16
mW
VDD Only
7.0
mW
REF Only
3.3
mW
VIO Only
1.7
mW
Energy per Conversion
7.0
nJ/sample
TEMPERATURE RANGE4
Specified Performance
TMIN to TMAX
−40
+125
°C
1
In this data sheet, the voltages for the VDDx, VIOx, and REFx pins are indicated by VDD, VIO, and VREF, respectively.
2
With all digital inputs forced to VIOx or to ground as required.
3
During the acquisition phase.
4
Contact Analog Devices, Inc., for the extended temperature range.


Similar Part No. - AD7683

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7683 AD-AD7683 Datasheet
467Kb / 16P
   16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7683 AD-AD7683 Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7683 AD-AD7683 Datasheet
480Kb / 20P
   3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23
REV. 0
AD7683 AD-AD7683 Datasheet
470Kb / 17P
   16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
AD7683 AD-AD7683 Datasheet
526Kb / 24P
   16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. PrB
More results

Similar Description - AD7683

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7903 AD-AD7903 Datasheet
1Mb / 29P
   Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
AD7902 AD-AD7902_17 Datasheet
681Kb / 29P
   Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
logo
List of Unclassifed Man...
AD7902BRQZ ETC2-AD7902BRQZ Datasheet
1Mb / 29P
   Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
logo
Analog Devices
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
   16-Bit, 10 MSPS, PulSAR Differential ADC
AD7626 AD-AD7626_10 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
   16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7985 AD-AD7985_17 Datasheet
569Kb / 29P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
AD7985 AD-AD7985 Datasheet
585Kb / 28P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
   16-Bit, 6 MSPS, PulSAR Differential ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com