Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFH5302DPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFH5302DPBF
Description  Synchronous MOSFET for high frequency buck converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5302DPBF Datasheet(HTML) 2 Page - International Rectifier

  IRFH5302DPBF Datasheet HTML 1Page - International Rectifier IRFH5302DPBF Datasheet HTML 2Page - International Rectifier IRFH5302DPBF Datasheet HTML 3Page - International Rectifier IRFH5302DPBF Datasheet HTML 4Page - International Rectifier IRFH5302DPBF Datasheet HTML 5Page - International Rectifier IRFH5302DPBF Datasheet HTML 6Page - International Rectifier IRFH5302DPBF Datasheet HTML 7Page - International Rectifier IRFH5302DPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFH5302PbF
2
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
January 6, 2014
S
D
G
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC (Bottom)
Junction-to-Case
f
–––
1.2
RθJC (Top)
Junction-to-Case
f
–––
15
°C/W
RθJA
Junction-to-Ambient
g
–––
35
RθJA (<10s)
Junction-to-Ambient
g
–––
22
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
-0.25
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
2.0
2.5
–––
3.1
3.7
VGS(th)
Gate Threshold Voltage
1.35
1.80
2.35
V
VDS = VGS, ID = 100µA
∆VGS(th)
Gate Threshold Voltage Coefficient
–––
-10
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
500
µA
–––
–––
5.0
mA
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
110
–––
–––
S
Qg
Total Gate Charge
–––
55
–––
nC
Qg
Total Gate Charge
–––
26
39
Qgs1
Pre-Vth Gate-to-Source Charge
–––
6.2
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
4.0
–––
Qgd
Gate-to-Drain Charge
–––
7.9
–––
Qgodr
Gate Charge Overdrive
–––
7.9
–––
Qsw
Switch Charge (Qgs2 + Qgd)
–––
11.9
–––
Qoss
Output Charge
–––
19
–––
nC
RG
Gate Resistance
–––
1.9
–––
td(on)
Turn-On Delay Time
–––
16
–––
tr
Rise Time
–––30–––
td(off)
Turn-Off Delay Time
–––
20
–––
tf
Fall Time
–––12–––
Ciss
Input Capacitance
–––
3635
–––
Coss
Output Capacitance
–––
680
–––
Crss
Reverse Transfer Capacitance
–––
260
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
0.65
V
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
19
29
ns
Qrr
Reverse Recovery Charge
–––
28
42
nC
ton
Forward Turn-On Time
Time is dominated by parasitic Inductance
MOSFET symbol
nA
ns
A
pF
nC
VDS = 15V
–––
VGS = 20V
VGS = -20V
–––
–––
400
–––
–––
100
Conditions
VGS = 0V, ID = 500µA
Reference to 25°C, ID = 1.0mA
VGS = 10V, ID = 50A
e
VDS = 24V, VGS = 0V
VDS = 16V, VGS = 0V
VDD = 15V, VGS = 4.5V
VGS = 10V, VDS = 15V, ID = 50A
VGS = 0V
VDS = 25V
Conditions
Max.
130
50
ƒ = 1.0MHz
TJ = 25°C, IF = 50A, VDD = 15V
di/dt = 300A/µs
TJ = 25°C, IS = 50A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
TJ = 25°C, IS = 5.0A, VGS = 0V e
VGS = 4.5V, ID = 50A e
VGS = 4.5V
Typ.
–––
RG=1.8Ω
VDS = 15V, ID = 50A
VDS = 24V, VGS = 0V, TJ = 125°C
m
ID = 50A
ID = 50A


Similar Part No. - IRFH5302DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5302DPBF IRF-IRFH5302DPBF Datasheet
246Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DPBF IRF-IRFH5302DPBF_15 Datasheet
246Kb / 9P
   Synchronous MOSFET for high frequency buck converters
More results

Similar Description - IRFH5302DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH8318TRPBF IRF-IRFH8318TRPBF Datasheet
256Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFH5250DTR2PBF IRF-IRFH5250DTR2PBF Datasheet
214Kb / 8P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DTR2PBF IRF-IRFH5302DTR2PBF Datasheet
225Kb / 8P
   Synchronous MOSFET for high frequency buck converters
IRFH5250DPBF IRF-IRFH5250DPBF Datasheet
214Kb / 8P
   Synchronous MOSFET for high frequency buck converters
logo
Infineon Technologies A...
IRFH8324PBF INFINEON-IRFH8324PBF Datasheet
268Kb / 9P
   Synchronous MOSFET for high frequency buck converters
June 2 2015
logo
International Rectifier
IRFH5250DPBF IRF-IRFH5250DPBF_15 Datasheet
298Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DPBF IRF-IRFH5302DPBF_15 Datasheet
246Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DTRPBF IRF-IRFH5302DTRPBF Datasheet
331Kb / 8P
   Synchronous MOSFET for high frequency buck converters
IRFH8311PBF IRF-IRFH8311PBF Datasheet
315Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFHM4226TRPBF IRF-IRFHM4226TRPBF Datasheet
394Kb / 8P
   Control or Synchronous MOSFET for high frequency buck converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com