Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-P588-A41-PM Datasheet(PDF) 2 Page - Vincotech

Part # V23990-P588-A41-PM
Description  Industrial drives mbedded drives
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P588-A41-PM Datasheet(HTML) 2 Page - Vincotech

  V23990-P588-A41-PM Datasheet HTML 1Page - Vincotech V23990-P588-A41-PM Datasheet HTML 2Page - Vincotech V23990-P588-A41-PM Datasheet HTML 3Page - Vincotech V23990-P588-A41-PM Datasheet HTML 4Page - Vincotech V23990-P588-A41-PM Datasheet HTML 5Page - Vincotech V23990-P588-A41-PM Datasheet HTML 6Page - Vincotech V23990-P588-A41-PM Datasheet HTML 7Page - Vincotech V23990-P588-A41-PM Datasheet HTML 8Page - Vincotech V23990-P588-A41-PM Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
V23990-P588-*4*-PM
preliminary datasheet
Tj=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Maximum Ratings
Condition
Inverter Diode
Th=80°C
19
Tc=80°C
25
Th=80°C
44
Tc=80°C
66
Brake Transistor
Th=80°C
12
Tc=80°C
16
Th=80°C
43
Tc=80°C
66
tSC
Tj≤150°C
10
µs
VCC
VGE=15V
800
V
Brake Diode
Th=80°C
15
Tc=80°C
19
Th=80°C
29
Tc=80°C
44
Thermal Properties
Insulation Properties
Vis
t=2s
DC voltage
4000
V
min 12,7
mm
min 12,7
mm
CTI
>200
°C
1200
1200
Tjmax
IFRM
Ptot
A
V
V
Tj=Tjmax
Short circuit ratings
Turn off safe operating area
DC collector current
Power dissipation per IGBT
VCE ≤ 1200V, Tj ≤ Top max
175
Maximum Junction Temperature
Tjmax
W
tp limited by Tjmax
Tj=Tjmax
±20
A
16
A
24
Gate-emitter peak voltage
Ptot
Collector-emitter break down voltage
Pulsed collector current
Repetitive peak forward current
Power dissipation per Diode
Maximum Junction Temperature
Peak Repetitive Reverse Voltage
W
175
°C
Tj=Tjmax
DC forward current
IF
Repetitive peak forward current
VGE
V
V
°C
VCE
ICpuls
IC
Tj=Tjmax
A
IF
V
RRM
A
Maximum Junction Temperature
Tjmax
175
Tj=Tjmax
tp limited by Tjmax
DC forward current
Peak Repetitive Reverse Voltage
W
A
A
tp limited by Tjmax
IFRM
VRRM
Power dissipation per Diode
Ptot
Tj=Tjmax
-40…+(Tjmax - 25)
°C
Storage temperature
Tstg
-40…+125
°C
Comparative tracking index
Insulation voltage
Creepage distance
Top
Operation temperature under switching condition
Clearance
20
30
1200
copyright Vincotech
2
Revision: 2


Similar Part No. - V23990-P588-A41-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P588-A-PM VINCOTECH-V23990-P588-A-PM Datasheet
202Kb / 4P
   Standard Power Integrated Module
V23990-P588-A88-PM VINCOTECH-V23990-P588-A88-PM Datasheet
1Mb / 23P
   Industrial drives embedded drives
More results

Similar Description - V23990-P588-A41-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P543-X3X-D4-14 VINCOTECH-V23990-P543-X3X-D4-14 Datasheet
788Kb / 23P
   Industrial drives Embedded drives
V23990-P541-X2X-D4-14 VINCOTECH-V23990-P541-X2X-D4-14 Datasheet
977Kb / 23P
   Industrial drives Embedded drives
V23990-P543-X2X-D4-14 VINCOTECH-V23990-P543-X2X-D4-14 Datasheet
922Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X2X-D4-14 VINCOTECH-V23990-P545-X2X-D4-14 Datasheet
880Kb / 23P
   Industrial drives Embedded drives
V23990-P545-X3X-D4-14 VINCOTECH-V23990-P545-X3X-D4-14 Datasheet
898Kb / 23P
   Industrial drives Embedded drives
V23990-P546-X2X-D5-14 VINCOTECH-V23990-P546-X2X-D5-14 Datasheet
811Kb / 23P
   Industrial drives Embedded drives
V23990-P588-X88-D1-14 VINCOTECH-V23990-P588-X88-D1-14 Datasheet
1Mb / 23P
   Industrial drives embedded drives
V23990-P589-X4X-D2-14 VINCOTECH-V23990-P589-X4X-D2-14 Datasheet
1Mb / 23P
   Industrial drives Embedded Drives
V23990-P541-X3X-D4-14 VINCOTECH-V23990-P541-X3X-D4-14 Datasheet
770Kb / 23P
   Industrial drives Embedded drives
V23990-P587-X2X-D2-14 VINCOTECH-V23990-P587-X2X-D2-14 Datasheet
1Mb / 23P
   Industrial drives Embedded drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com