Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7693 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7693
Description  Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7693 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7693 Datasheet HTML 4Page - Analog Devices AD7693 Datasheet HTML 5Page - Analog Devices AD7693 Datasheet HTML 6Page - Analog Devices AD7693 Datasheet HTML 7Page - Analog Devices AD7693 Datasheet HTML 8Page - Analog Devices AD7693 Datasheet HTML 9Page - Analog Devices AD7693 Datasheet HTML 10Page - Analog Devices AD7693 Datasheet HTML 11Page - Analog Devices AD7693 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Data Sheet
AD7903
Rev. A | Page 7 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 4. Pin Configuration
Table 6. Pin Function Descriptions
Pin
No.
Mnemonic
Type1
Description
1, 6
REF1, REF2
AI
Reference Input Voltage. The REFx range is 2.4 V to 5.1 V. These pins are referred to the GND pin, and
decouple each pin closely to the GND pin with a 10 µF capacitor.
2, 7
VDD1, VDD2
P
Power Supplies.
3, 8
IN1+, IN2+
AI
Differential Positive Analog Inputs.
4, 9
IN1−, IN2−
AI
Differential Negative Analog Inputs.
5, 10
GND
P
Power Supply Ground.
11, 16
CNV2, CNV1
DI
Conversion Inputs. These inputs have multiple functions. On the leading edge, they initiate conversions
and select the interface mode of the device: chain mode or active low chip select (CS) mode. In CS mode,
the SDOx pins are enabled when the CNVx pins are low. In chain mode, the data must be read when the CNVx
pins are high.
12, 17
SDO2, SDO1
DO
Serial Data Outputs. The conversion result is output on these pins. The conversion result is synchronized
to SCKx.
13, 18
SCK2, SCK1
DI
Serial Data Clock Inputs. When the device is selected, the conversion results are shifted out by these clocks.
14, 19
SDI2, SDI1
DI
Serial Data Inputs. These inputs provide multiple functions. They select the interface mode of the ADC, as
follows: CS mode is selected if the SDIx pins are high during the CNVx rising edge. In this mode, either SDIx
or CNVx can enable the serial output signals when low. If SDIx or CNVx is low when the conversion is
complete, the busy indicator feature is enabled.
15, 20
VIO2, VIO1
P
Input/Output Interface Digital Power. Nominally at the same supply as the host interface (2.5 V or 3.3 V).
1
AI = analog input, DI = digital input, DO = digital output, and P = power.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDD1
IN1+
IN1–
VDD2
REF2
GND
REF1
SDI1
SCK1
SDO1
SDI2
VIO2
CNV1
GND
IN2–
IN2+
CNV2
SDO2
SCK2
VIO1
AD7903
TOP VIEW
(Not to Scale)


Similar Part No. - AD7693

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7693 AD-AD7693 Datasheet
526Kb / 24P
   16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. PrB
AD7693 AD-AD7693 Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
AD7693 AD-AD7693 Datasheet
292Kb / 12P
   16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7693 AD-AD7693 Datasheet
421Kb / 16P
   16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
REV. A
AD7693 AD-AD7693 Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
More results

Similar Description - AD7693

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7903 AD-AD7903 Datasheet
1Mb / 29P
   Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
AD7902 AD-AD7902_17 Datasheet
681Kb / 29P
   Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
logo
List of Unclassifed Man...
AD7902BRQZ ETC2-AD7902BRQZ Datasheet
1Mb / 29P
   Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
logo
Analog Devices
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
   16-Bit, 10 MSPS, PulSAR Differential ADC
AD7626 AD-AD7626_10 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
   16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7985 AD-AD7985_17 Datasheet
569Kb / 29P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
AD7985 AD-AD7985 Datasheet
585Kb / 28P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
   16-Bit, 6 MSPS, PulSAR Differential ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com