Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFH8202TRPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFH8202TRPBF
Description  OR-ing MOSFET for 12V (typical) Bus in-Rush Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH8202TRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRFH8202TRPBF Datasheet HTML 1Page - International Rectifier IRFH8202TRPBF Datasheet HTML 2Page - International Rectifier IRFH8202TRPBF Datasheet HTML 3Page - International Rectifier IRFH8202TRPBF Datasheet HTML 4Page - International Rectifier IRFH8202TRPBF Datasheet HTML 5Page - International Rectifier IRFH8202TRPBF Datasheet HTML 6Page - International Rectifier IRFH8202TRPBF Datasheet HTML 7Page - International Rectifier IRFH8202TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.irf.com
© 2013International Rectifier
August 02, 2013
IRFH8202TRPbF
S
D
G
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC(Bottom)
Junction-to-Case f
0.5
0.8
RθJC (Top)
Junction-to-Case f
–––
15
°C/W
RθJA
Junction-to-Ambient g
–––
35
RθJA (<10s)
Junction-to-Ambient g
–––
21
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
BVDSS
Drain-to-Source Breakdown Voltage
25
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.02
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
0.90
1.05
–––
1.40
1.85
VGS(th)
Gate Threshold Voltage
1.35
1.80
2.35
V
VDS = VGS, ID = 150μA
ΔVGS(th)
Gate Threshold Voltage Coefficient
–––
-6.3
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
5.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
181
–––
–––
S
Qg
Total Gate Charge
–––
110
–––
nC
Qg
Total Gate Charge
–––
52
78
Qgs1
Pre-Vth Gate-to-Source Charge
–––
13
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
7.8
–––
Qgd
Gate-to-Drain Charge
–––
17
–––
Qgodr
Gate Charge Overdrive
–––
15
–––
Qsw
Switch Charge (Qgs2 + Qgd)
–––
25
–––
Qoss
Output Charge
–––
36
–––
nC
RG
Gate Resistance
–––
1.3
2.6
Ω
td(on)
Turn-On Delay Time
–––
28
–––
tr
Rise Time
–––
46
–––
td(off)
Turn-Off Delay Time
–––
30
–––
tf
Fall Time
–––
19
–––
Ciss
Input Capacitance
–––
7174
–––
Coss
Output Capacitance
–––
1758
–––
Crss
Reverse Transfer Capacitance
–––
828
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
c
A
Diode Characteristics
Parameter
Min.
Typ.
Max.
Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
37
56
ns
Qrr
Reverse Recovery Charge
–––
68
102
nC
–––
VDS = 16V, VGS = 0V
MOSFET symbol
nA
VGS = 10V, VDS = 13V, ID = 50A
VGS = 20V
VGS = -20V
100 h
ID = 50A
VGS = 4.5V
ns
A
pF
nC
–––
–––
400
–––
–––
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 50A
e
VDS = 20V, VGS = 0V
VGS = 4.5V, ID = 50A
e
VDS = 13V
Conditions
Max.
468
50
ƒ = 1.0MHz
VGS = 0V
VDS = 13V
TJ = 25°C, IF = 50A, VDD = 13V
di/dt = 200A/μs eÃ
TJ = 25°C, IS = 50A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Typ.
–––
RG=1.8
Ω
VDS = 13V, ID = 50A
VDS = 20V, VGS = 0V, TJ = 125°C
m
Ω
μA
ID = 50A
VDD = 13V, VGS = 4.5V


Similar Part No. - IRFH8202TRPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRFH8202TRPBF INFINEON-IRFH8202TRPBF Datasheet
858Kb / 10P
   OR-ing MOSFET for 12V (typical) Bus in-Rush Current
Rev. 2.4, 2021-01-29
More results

Similar Description - IRFH8202TRPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRFH5300PBF INFINEON-IRFH5300PBF Datasheet
829Kb / 10P
   OR-ing MOSFET for 12V (typical) Bus in-Rush Current
Rev. 2.4, 2021-01-29
IRFH8201PBF INFINEON-IRFH8201PBF Datasheet
560Kb / 10P
   OR-ing MOSFET for 12V (typical) Bus in-Rush Current
2017-01-24
IRFH5250PBF INFINEON-IRFH5250PBF Datasheet
860Kb / 10P
   OR-ing MOSFET for 12V (typical) Bus in-Rush Current
Rev. 2.4, 2020-12-10
logo
International Rectifier
IRFH8307TRPBF IRF-IRFH8307TRPBF Datasheet
522Kb / 9P
   OR-ing MOSFET for 12V (typical) Bus in-Rush Current
IRFH8201PBF IRF-IRFH8201PBF Datasheet
488Kb / 8P
   OR-ing MOSFET for 12V (typical) Bus in-Rush Current
logo
Infineon Technologies A...
IRFH8307TRPBF INFINEON-IRFH8307TRPBF Datasheet
545Kb / 10P
   OR-ing MOSFET for 12V (typical) Bus in-Rush Current
2020-02-27
IRFH5302PBF INFINEON-IRFH5302PBF Datasheet
784Kb / 10P
   OR-ing MOSFET for 12V (typical) Bus in-Rush Current
Rev. 2.3, 2021-03-03
logo
International Rectifier
IRFH5250PBF IRF-IRFH5250PBF_15 Datasheet
267Kb / 9P
   OR-ing MOSFET for 12V (typical) Bus in-Rush Current
logo
Infineon Technologies A...
IRFH8202TRPBF INFINEON-IRFH8202TRPBF Datasheet
858Kb / 10P
   OR-ing MOSFET for 12V (typical) Bus in-Rush Current
Rev. 2.4, 2021-01-29
logo
Vishay Siliconix
SI9750 VISHAY-SI9750_05 Datasheet
95Kb / 8P
   In-Rush Current Limit MOSFET Driver
Rev. D, 19-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com