Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFH8318PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFH8318PBF
Description  HEXFETPower MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH8318PBF Datasheet(HTML) 3 Page - International Rectifier

  IRFH8318PBF Datasheet HTML 1Page - International Rectifier IRFH8318PBF Datasheet HTML 2Page - International Rectifier IRFH8318PBF Datasheet HTML 3Page - International Rectifier IRFH8318PBF Datasheet HTML 4Page - International Rectifier IRFH8318PBF Datasheet HTML 5Page - International Rectifier IRFH8318PBF Datasheet HTML 6Page - International Rectifier IRFH8318PBF Datasheet HTML 7Page - International Rectifier IRFH8318PBF Datasheet HTML 8Page - International Rectifier IRFH8318PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRFH8318PbF
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 6. Typical Gate Charge vs.Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.Drain-to-Source Voltage
Fig 4. Normalized On-Resistance vs. Temperature
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
VGS
TOP
10V
7.00V
5.00V
4.50V
3.50V
3.00V
2.75V
BOTTOM
2.50V
≤60μs PULSE WIDTH
Tj = 25°C
2.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
VGS
TOP
10V
7.00V
5.00V
4.50V
3.50V
3.00V
2.75V
BOTTOM
2.50V
≤60μs PULSE WIDTH
Tj = 150°C
2.5V
1
2
3
4
5
6
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VDS = 15V
≤60μs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
ID = 20A
VGS = 10V
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
10
2030
405060
QG Total Gate Charge (nC)
0
2
4
6
8
10
12
14
VDS= 24V
VDS= 15V
VDS= 6.0V
ID= 20A


Similar Part No. - IRFH8318PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH8318PBF IRF-IRFH8318PBF Datasheet
245Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8318PBF IRF-IRFH8318PBF_15 Datasheet
245Kb / 9P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com