Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFHM4226PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFHM4226PBF
Description  Control or Synchronous MOSFET for high frequency buck converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM4226PBF Datasheet(HTML) 3 Page - International Rectifier

  IRFHM4226PBF Datasheet HTML 1Page - International Rectifier IRFHM4226PBF Datasheet HTML 2Page - International Rectifier IRFHM4226PBF Datasheet HTML 3Page - International Rectifier IRFHM4226PBF Datasheet HTML 4Page - International Rectifier IRFHM4226PBF Datasheet HTML 5Page - International Rectifier IRFHM4226PBF Datasheet HTML 6Page - International Rectifier IRFHM4226PBF Datasheet HTML 7Page - International Rectifier IRFHM4226PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
 
IRFHM4226TRPbF
3
www.irf.com © 2013 International Rectifier
Datasheet Feedback
December 5, 2013
Fig 1. Typical Output Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
VGS
TOP
10V
5.5V
4.5V
4.0V
3.5V
3.25V
3.0V
BOTTOM
2.75V
60µs PULSE WIDTH
Tj = 25°C
2.75V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
2.75V
60µs PULSE WIDTH
Tj = 150°C
VGS
TOP
10V
5.5V
4.5V
4.0V
3.5V
3.25V
3.0V
BOTTOM
2.75V
1.0
2.0
3.0
4.0
5.0
6.0
7.0
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VDS = 10V
60µs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
ID = 30A
VGS = 10V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
5
10
15
20
25
30
35
40
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 20V
VDS= 13V
VDS= 5.0V
ID= 30A


Similar Part No. - IRFHM4226PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM4226PBF IRF-IRFHM4226PBF Datasheet
560Kb / 9P
   Compatible with Existing Surface Mount Techniques
logo
Infineon Technologies A...
IRFHM4226PBF INFINEON-IRFHM4226PBF Datasheet
506Kb / 10P
   Control or Synchronous MOSFET for high frequency buck converters
2016-2-26
logo
International Rectifier
IRFHM4226PBF IRF-IRFHM4226PBF_15 Datasheet
560Kb / 9P
   Compatible with Existing Surface Mount Techniques
More results

Similar Description - IRFHM4226PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM4226TRPBF IRF-IRFHM4226TRPBF Datasheet
394Kb / 8P
   Control or Synchronous MOSFET for high frequency buck converters
logo
Infineon Technologies A...
IRFHM4226PBF INFINEON-IRFHM4226PBF Datasheet
506Kb / 10P
   Control or Synchronous MOSFET for high frequency buck converters
2016-2-26
logo
International Rectifier
IRFH8318TRPBF IRF-IRFH8318TRPBF Datasheet
256Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFH5250DTR2PBF IRF-IRFH5250DTR2PBF Datasheet
214Kb / 8P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DTR2PBF IRF-IRFH5302DTR2PBF Datasheet
225Kb / 8P
   Synchronous MOSFET for high frequency buck converters
IRFH5250DPBF IRF-IRFH5250DPBF Datasheet
214Kb / 8P
   Synchronous MOSFET for high frequency buck converters
logo
Infineon Technologies A...
IRFH8324PBF INFINEON-IRFH8324PBF Datasheet
268Kb / 9P
   Synchronous MOSFET for high frequency buck converters
June 2 2015
logo
International Rectifier
IRFH5250DPBF IRF-IRFH5250DPBF_15 Datasheet
298Kb / 9P
   Synchronous MOSFET for high frequency buck converters
logo
Infineon Technologies A...
IRFH8330PBF INFINEON-IRFH8330PBF Datasheet
1Mb / 10P
   Control MOSFET for high frequency buck converters
Rev. 2.4, 2020-10-15
logo
International Rectifier
IRFH5302DPBF IRF-IRFH5302DPBF_15 Datasheet
246Kb / 9P
   Synchronous MOSFET for high frequency buck converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com