Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFHM4226PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFHM4226PBF
Description  Control or Synchronous MOSFET for high frequency buck converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM4226PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFHM4226PBF Datasheet HTML 1Page - International Rectifier IRFHM4226PBF Datasheet HTML 2Page - International Rectifier IRFHM4226PBF Datasheet HTML 3Page - International Rectifier IRFHM4226PBF Datasheet HTML 4Page - International Rectifier IRFHM4226PBF Datasheet HTML 5Page - International Rectifier IRFHM4226PBF Datasheet HTML 6Page - International Rectifier IRFHM4226PBF Datasheet HTML 7Page - International Rectifier IRFHM4226PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEXFET® Power MOSFET
Base part number
Package Type
Standard Pack
Orderable Part Number
 
 
Form
Quantity
IRFHM4226TRPbF
PQFN 3.3mm x 3.3mm
Tape and Reel
4000
IRFHM4226TRPbF
VDSS
25
V
RDS(on) max
(@ VGS = 10V)
2.2
(@ VGS = 4.5V)
3.3
Qg (typical)
16
nC
ID
(@TC (Bottom) = 25°C)
40
A
m

 
 
PQFN 3.3 x 3.3 mm
Features
Benefits
Low RDSon (<2.2m)
Lower Conduction Losses
Low Charge (typical 16nC)
Low Switching Losses
Low Thermal Resistance to PCB (<3.2°C/W)
Enable better thermal dissipation
Low Profile (<0.9 mm)
results in Increased Power Density
Industry-Standard Pinout

Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant, Halogen-Free
Environmentally Friendlier
MSL1
Increased Reliability
Notes  through  are on page 8
Absolute Maximum Ratings
  
Parameter
Max.
Units
VGS
Gate-to-Source Voltage
± 20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
28
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 10V
105
ID @ TC(Bottom) = 100°C
Continuous Drain Current, VGS @ 10V
67
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
(Source Bonding Technology Limited)
40
IDM
Pulsed Drain Current 
420
 
PD @TA = 25°C
Power Dissipation 
2.7
W
PD @TC(Bottom) = 25°C
Power Dissipation 
39
Linear Derating Factor 
0.021
W/°C
TJ
Operating Junction and
-55 to + 150
°C
TSTG
Storage Temperature Range
A  
Applications

Control or Synchronous MOSFET for high frequency buck converters
 
3
2
1
8
7
6
5
4
D
D
D
D
S
S
S
G
Top View
FastIRFET™
IRFHM4226TRPbF
1
www.irf.com © 2013 International Rectifier
Datasheet Feedback
December 5, 2013


Similar Part No. - IRFHM4226PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM4226PBF IRF-IRFHM4226PBF Datasheet
560Kb / 9P
   Compatible with Existing Surface Mount Techniques
logo
Infineon Technologies A...
IRFHM4226PBF INFINEON-IRFHM4226PBF Datasheet
506Kb / 10P
   Control or Synchronous MOSFET for high frequency buck converters
2016-2-26
logo
International Rectifier
IRFHM4226PBF IRF-IRFHM4226PBF_15 Datasheet
560Kb / 9P
   Compatible with Existing Surface Mount Techniques
More results

Similar Description - IRFHM4226PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM4226TRPBF IRF-IRFHM4226TRPBF Datasheet
394Kb / 8P
   Control or Synchronous MOSFET for high frequency buck converters
logo
Infineon Technologies A...
IRFHM4226PBF INFINEON-IRFHM4226PBF Datasheet
506Kb / 10P
   Control or Synchronous MOSFET for high frequency buck converters
2016-2-26
logo
International Rectifier
IRFH8318TRPBF IRF-IRFH8318TRPBF Datasheet
256Kb / 9P
   Synchronous MOSFET for high frequency buck converters
IRFH5250DTR2PBF IRF-IRFH5250DTR2PBF Datasheet
214Kb / 8P
   Synchronous MOSFET for high frequency buck converters
IRFH5302DTR2PBF IRF-IRFH5302DTR2PBF Datasheet
225Kb / 8P
   Synchronous MOSFET for high frequency buck converters
IRFH5250DPBF IRF-IRFH5250DPBF Datasheet
214Kb / 8P
   Synchronous MOSFET for high frequency buck converters
logo
Infineon Technologies A...
IRFH8324PBF INFINEON-IRFH8324PBF Datasheet
268Kb / 9P
   Synchronous MOSFET for high frequency buck converters
June 2 2015
logo
International Rectifier
IRFH5250DPBF IRF-IRFH5250DPBF_15 Datasheet
298Kb / 9P
   Synchronous MOSFET for high frequency buck converters
logo
Infineon Technologies A...
IRFH8330PBF INFINEON-IRFH8330PBF Datasheet
1Mb / 10P
   Control MOSFET for high frequency buck converters
Rev. 2.4, 2020-10-15
logo
International Rectifier
IRFH5302DPBF IRF-IRFH5302DPBF_15 Datasheet
246Kb / 9P
   Synchronous MOSFET for high frequency buck converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com