Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFHM8228PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRFHM8228PBF
Description  Control or synchronous MOSFET for synchronous buck converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM8228PBF Datasheet(HTML) 6 Page - International Rectifier

  IRFHM8228PBF Datasheet HTML 1Page - International Rectifier IRFHM8228PBF Datasheet HTML 2Page - International Rectifier IRFHM8228PBF Datasheet HTML 3Page - International Rectifier IRFHM8228PBF Datasheet HTML 4Page - International Rectifier IRFHM8228PBF Datasheet HTML 5Page - International Rectifier IRFHM8228PBF Datasheet HTML 6Page - International Rectifier IRFHM8228PBF Datasheet HTML 7Page - International Rectifier IRFHM8228PBF Datasheet HTML 8Page - International Rectifier IRFHM8228PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
 
IRFHM8228PbF
6
www.irf.com
© 2013 International Rectifier
August 23, 2013
Fig 15. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET
® Power MOSFETs
Fig 18a. Gate Charge Test Circuit
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 18b. Gate Charge Waveform
Fig 16a. Unclamped Inductive Test Circuit
R G
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
tp
V(BR)DSS
IAS
Fig 16b. Unclamped Inductive Waveforms
Fig 17a. Switching Time Test Circuit
Fig 17b. Switching Time Waveforms
VDD 


Similar Part No. - IRFHM8228PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM8228PBF IRF-IRFHM8228PBF Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
logo
Infineon Technologies A...
IRFHM8228PBF INFINEON-IRFHM8228PBF Datasheet
626Kb / 11P
   Control or synchronous MOSFET for synchronous buck converter
2016-2-23
logo
International Rectifier
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
More results

Similar Description - IRFHM8228PBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRFHM8228PBF INFINEON-IRFHM8228PBF Datasheet
626Kb / 11P
   Control or synchronous MOSFET for synchronous buck converter
2016-2-23
logo
International Rectifier
IRFH8303PBF IRF-IRFH8303PBF Datasheet
513Kb / 8P
   Control MOSFET for synchronous buck converter
logo
Infineon Technologies A...
IRFHM8235PBF INFINEON-IRFHM8235PBF Datasheet
706Kb / 11P
   Control MOSFET for synchronous buck converter
2016-2-23
IRFHM4231PBF INFINEON-IRFHM4231PBF Datasheet
522Kb / 10P
   Control MOSFET for synchronous buck converter
2016-2-26
IRFHM4234TRPBF INFINEON-IRFHM4234TRPBF Datasheet
515Kb / 10P
   Control MOSFET for synchronous buck converter
2016-2-26
IRFHM8342TRPBF INFINEON-IRFHM8342TRPBF Datasheet
586Kb / 11P
   Control MOSFET for synchronous buck converter
2016-2-23
logo
International Rectifier
IRFHM4234TRPBF IRF-IRFHM4234TRPBF Datasheet
288Kb / 9P
   Control MOSFET for synchronous buck converter
IRFHM8235PBF IRF-IRFHM8235PBF Datasheet
649Kb / 9P
   Control MOSFET for synchronous buck converter
IRFHM4234PBF IRF-IRFHM4234PBF Datasheet
288Kb / 9P
   Control MOSFET for synchronous buck converter
IRFHM8342PBF IRF-IRFHM8342PBF Datasheet
364Kb / 9P
   Control MOSFET for synchronous buck converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com